Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 68 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 68 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 68 / 99 page
background image
CHAPTER 5 APPLICATION EXAMPLES
Application Note U17121EJ1V1AN
68
5.2 Specifications of Evaluation Board
The specifications of the evaluation board are as follows.
Table 5-1. Specifications of Evaluation Board
Item
Description
CPU
V850E/ME2
CPU operating frequency
30 MHz
MEMC bus operating frequency
30 MHz
Evaluation board memory
Flash memory
CSZ0 area (32-bit width): 8 MB
SRAM
CSZ1 area (32-bit width): 1 MB
SDRAM
CSZ3 area (32-bit width): 64 MB
Evaluation board peripheral I/O
PCI host bridge
CSZ6 area (32-bit width): PCI Rev.2.1 compliant host interface (33 MHz)
Other
7-segment display
7-segment display
× 2 can be controlled by V850E/ME2 general-purpose port
The device numbers of the PCI bus are assigned as follows.
Table 5-2. IDSEL Connection
Slot
Device Number
Remark
PCI Slot 1 (J2)
AD31
Connect AD31 to IDSEL
PCI Slot 2 (J3)
AD30
Connect AD30 to IDSEL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn