Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 76 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 76 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
CHAPTER 5 APPLICATION EXAMPLES
Application Note U17121EJ1V1AN
76
5.5.4 PCI configuration space access sample program list
/////////////////////////////////////////////////////////////////////////
//
PCI configuration space access sample
//
//
Overview: Configuration space is accessed using procedure
//
//
shown below.
//
//
1) Write 32-bit value indicating PCI device, function
//
//
number, and register number to be accessed to
//
//
PCI_CONFIG_ADD register of PCI Host Bridge Macro.
//
//
2) When reading configuration space register, read
//
//
(word access) 32-bit value in PCI_CONFIG_DATA
//
//
register of PCI Host Bridge Macro.
//
//
When writing to configuration space register, write
//
//
(word access) 32-bit value to PCI_CONFIG_DATA register //
//
of PCI Host Bridge Macro.
//
//
//
//
This procedure is combined in functions PCI_ConfigRead
//
//
and PCI_ConfigWrite shown below.
//
//
Function PCI_Config_BaseAddressInit uses function
//
//
PCI_ConfigWrite to set base address register in
//
//
configuration space.
//
//
//
/////////////////////////////////////////////////////////////////////////
//////////////////////
// Type declaration //
//////////////////////
typedef char
BYTE;
typedef short int
HWORD;
typedef int
WORD;
typedef unsigned char
UBYTE;
typedef unsigned short int
UHWORD;
typedef unsigned int
UWORD;
typedef volatile unsigned char
VUBYTE;
typedef volatile unsigned short int
VUHWORD;
typedef volatile unsigned int
VUWORD;
/////////////////////////////////////////////////////////////////
// Function name: PCI_ConfigRead
//
// Function: Reads 32-bit value in PCI configuration space.
//
// Argument: ConfigAdd: Register address of configuration space//
// Return value: Read configuration space register data
//
/////////////////////////////////////////////////////////////////
UWORD PCI_ConfigRead(UWORD ConfigAdd)
{
V850EME2_REGW(PHBMR_PCI_CONFIG_ADD)
= ConfigAdd;
return V850EME2_REGW(PHBMR_PCI_CONFIG_DATA);
}


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn