Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 77 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 77 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 77 / 99 page
background image
CHAPTER 5 APPLICATION EXAMPLES
Application Note U17121EJ1V1AN
77
/////////////////////////////////////////////////////////////////
// Function name: PCI_ConfigWrite
//
// Function: Writes 32-bit value to PCI configuration space.
//
// Argument: ConfigAdd: Register address of configuration space//
//
ConfigData: Register data of configuration space
//
// Return value: None
//
/////////////////////////////////////////////////////////////////
void PCI_ConfigWrite(UWORD ConfigAdd, UWORD ConfigData)
{
V850EME2_REGW(PHBMR_PCI_CONFIG_ADD)
= ConfigAdd;
V850EME2_REGW(PHBMR_PCI_CONFIG_DATA) = ConfigData;
return;
}
/////////////////////////////////////////////////////////////////////////
// Function name: PCI_Config_BaseAddressInit
//
// Function: Sets base address of configuration space.
//
// Argument: None
//
// Return value: None
//
// Details: Sets base address register of offset 10H to 24H in
//
//
configuration space of PCI device connected to AD30
//
//
signal by IDSEL as follows.
//
//
//
//
ATA Command Register Base Address (10H)
:
0C80_0000H
//
//
ATA Control Register Base Address (14H)
:
0C80_0008H
//
//
Bus Master Control Register Base Address(18H) :
0C80_0010H
//
//
//
/////////////////////////////////////////////////////////////////////////
void PCI_Config_BaseAddressInit(void)
{
UWORD ConfigAddress;
UWORD ConfigData;
///////////////////////////////////////
// ATA Command Register Base Address //
///////////////////////////////////////
ConfigAddress = 0x40000010;
// bit 31-11 : IDSEL specification = 010000000000000000000b
//
Select PCI device connected to AD30
// bit 10-08 : Function number = 00b
// bit 07-02 : Register number = 4 (000100b),
//
-> ATA Command Register Base Address
//
(In the case of PCI-IDE ASIC board used in this application)
// bit 01-00 : 00b (fixed)
PCI_ConfigWrite(ConfigAddress, 0x0C800000);


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn