Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 80 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 80 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 80 / 99 page
background image
CHAPTER 5 APPLICATION EXAMPLES
Application Note U17121EJ1V1AN
80
#define IDEREG_ALTERNATE_STATUS
((VUBYTE*)(BASE_ADDRESS_PCI_IO + 0x0E))
#define IDEREG_DEVICE_CONTROL
((VUBYTE*)(BASE_ADDRESS_PCI_IO + 0x0E))
/////////////////////////
// Bus Master I/O Area //
/////////////////////////
#define IDEREG_BUSMASTER_START_STOP
((VUWORD*)(BASE_ADDRESS_PCI_IO + 0x10))
#define IDEREG_DSCTBL_START_ADDRESS
((VUWORD*)(BASE_ADDRESS_PCI_IO + 0x14))
#define IDEREG_INTERRUPT_CONTROL
((VUWORD*)(BASE_ADDRESS_PCI_IO + 0x18))
///////////////////////////
// Error code definition //
///////////////////////////
#define STATUS_SUCCESS
0
#define STATUS_TIMEOUT_BSY0_DRQ0
1
#define STATUS_TIMEOUT_DEVICE_SELECTION
1
#define STATUS_TIMEOUT_DRDY1
2
#define STATUS_TIMEOUT_BSY0
3
#define STATUS_TIMEOUT_INTRQ
4
#define STATUS_TIMEOUT_BMEND
5
#define STATUS_IDE_ERROR(IDE_ERROR_REG)
(0x10000000 | (UWORD)(IDE_ERROR_REG))
///////////////////////////////////////////////////
// Transfer mode timing setting value definition //
///////////////////////////////////////////////////
// See IDE specifications for details of transfer mode timing setting values shown below.
// Setting value passed to SET_FEATURES command in Set_Transfer_mode()
#define PIO_MODE0
0x08
#define UDMA_MODE0
0x40
// Setting value of timing register (when IDE operation clock is 33 MHz)
#define IDE_PIO_TIMING_IDE33MHz_MODE0
(0x00020906)
#define IDE_UDMA_TIMING1_IDE33MHz_MODE0
(0x00000202)
#define IDE_UDMA_TIMING2_IDE33MHz_MODE0
(0x00000005)
////////////////////////////
//
Structure declaration //
////////////////////////////
///////////////////////////////////////
// Structure for issuing ATA command //
///////////////////////////////////////
typedef struct{
UBYTE features;
// Features register
UBYTE sector_count;
// Sector Count register
UBYTE sector_number;
// Sector Number register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn