Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 81 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 81 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 81 / 99 page
background image
CHAPTER 5 APPLICATION EXAMPLES
Application Note U17121EJ1V1AN
81
UBYTE cylinder_low;
// Cylinder Low register
UBYTE cylinder_high;
// Cylinder High register
UBYTE device_head;
// Device/Head register
UBYTE command;
// Command register
} ATA_COMMAND;
////////////////////////////////////////////
// Descriptor table for UltraDMA transfer //
////////////////////////////////////////////
typedef struct{
UWORD transfer_address;
// Transfer address
UWORD transfer_byte;
// Number of transfer bytes
UWORD next_table_address;
// Next table address
} DISCRIPTOR_TABLE;
/////////////////////////////
// Initialization function //
/////////////////////////////
/////////////////////////////////////////////////////////////////
// Function name: PCI_Config_ModeInit
//
// Function: Sets initialization of PCI-IDE ASIC board.
//
// Argument: None
//
// Return value: None
//
// Details: Sets handling of interrupts and errors, coding and //
//
then resets IDE bus.
//
//
//
/////////////////////////////////////////////////////////////////
void PCI_Config_ModeInit(void)
{
UWORD ConfigAddress;
UWORD ConfigData;
//////////////////////////////
// Setting of PCI functions //
//////////////////////////////
ConfigAddress = 0x40000004;
// bit 31-11 : IDSEL specification = 010000000000000000000b
//
Select PCI device connected to AD30
// bit 10-08 : Function number = 00b
// bit 07-02 : Register number = 1 (000001b)
//
-> Status / Command
// bit 01-00 : 00b (fixed)
ConfigData = 0x02000145;
// bit 26-25 : DEVSEL timing = 01b (medium fixed)
// bit
8 : SERR Enable = 1b : Output pci_serr.
// bit
6 : Parity Error Response = 1b : Output pci_serr


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn