Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 82 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 82 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
CHAPTER 5 APPLICATION EXAMPLES
Application Note U17121EJ1V1AN
82
//
when Parity Error is detected.
// bit
2 : Bus Master = 1b : Enable PCI Bus Master transfer
// bit
0 : IO Space = 1b : Enable IO access to PCI-IDE ASIC board
PCI_ConfigWrite(ConfigAddress, ConfigData);
////////////////////////////
// Setting DES to disable //
////////////////////////////
ConfigAddress = 0x40000058;
// bit 31-11 : IDSEL specification = 010000000000000000000b
//
Select PCI device connected to AD30
// bit 10-08 : Function number = 00b
// bit 07-02 : Register number = 22 (010110b),
//
-> IDE Bus Master Control
//
(In the case of PCI-IDE ASIC board used in this application)
// bit 01-00 : 00b (fixed)
// IDE Bus Master Control
//
Disable DES (Set bit16 des_on to 0)
ConfigData = PCI_ConfigRead(ConfigAddress);
PCI_ConfigWrite(ConfigAddress, ConfigData & 0xFFFEFFFF);
///////////////////////////////////////////
// Setting of Interrupt Control register //
///////////////////////////////////////////
*IDEREG_INTERRUPT_CONTROL &= 0xFFFCFFFF;
// bit
17 : PCI Bus Master End Interrupt Mask = 0b (Interrupt enabled)
// bit
16 : PCI I/F Interrupt Mask = 0b (Interrupt enabled)
////////////////////////////////////////
// Setting of Device Command register //
////////////////////////////////////////
*IDEREG_DEVICE_CONTROL = 0x00;
// bit
2 : nIEN = 0b (Set INTRQ signal to enable)
///////////////////
// IDE Bus reset //
///////////////////
ConfigAddress = 0x40000044;
// bit 31-11 : IDSEL specification = 010000000000000000000b
//
Select PCI device connected to AD30
// bit 10-08 : Function number = 00b
// bit 07-02 : Register number = 17 (010001b),
//
-> IDE Reset Register
//
(In the case of PCI-IDE ASIC board used in this application)
// bit 01-00 : 00b (fixed)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn