Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 87 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 87 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 87 / 99 page
background image
CHAPTER 5 APPLICATION EXAMPLES
Application Note U17121EJ1V1AN
87
// Function: Executes READ SECTOR(S) command (Protocol:PI, Command:20h).//
// Argument: dev_num : Device selection (0:Master/1:Slave)
//
//
lba : LBA
//
//
sec_cnt : Number of sectors
//
//
buff : Buffer pointer
//
// Return value:
//
//
STATUS_SUCCESS : Normal end
//
//
STATUS_TIMEOUT_DEVICE_SELECTION : DEVICE SELECTION error end
//
//
STATUS_TIMEOUT_DRDY1 : DRDY=1 timeout error end
//
//
STATUS_TIMEOUT_INTRQ : INTRQ timeout error end
//
//
STATUS_IDE_ERROR : Error end after command execution
//
//
//
//////////////////////////////////////////////////////////////////////////
int ATA_Read_Sector(int dev_num, UWORD lba, UHWORD sec_cnt, void *buff)
{
int status;
ATA_COMMAND ac;
ac.features
= 0x00;
// Features register
ac.sector_count
= sector_count;
// SectorCount register
ac.sector_number = (lba & 0xFF);
// SectorNumber register
ac.cylinder_low
= (lba>>8
& 0xFF);
// CylinderLow register
ac.cylinder_high = (lba>>16 & 0xFF);
// CylinderHigh register
ac.device_head
= 0x40|(dev_num<<4)|(lba>>24 & 0x0F); // Device/Head register
ac.command
= 0x20;
// Command register
status = ATA_PIO_datain(&ac, sec_cnt, buff);
return status;
}
///////////////////////////////////////////////////////////////////////////
// Function name: ATA_Write_Sector
//
// Function: Executes WRITE SECTOR(S) command (Protocol:PO, Command:30h).//
// Argument: dev_num : Device selection (0:Master/1:Slave)
//
//
lba : LBA
//
//
sec_cnt : Number of sectors
//
//
buff : Buffer pointer
//
// Return value:
//
//
STATUS_SUCCESS : Normal end
//
//
STATUS_TIMEOUT_DEVICE_SELECTION : DEVICE SELECTION error end
//
//
STATUS_TIMEOUT_BSY0_DRQ0 : BSY=0,DRQ=0 timeout error end
//
//
STATUS_TIMEOUT_DRDY1 : DRDY=1 timeout error end
//
//
STATUS_TIMEOUT_INTRQ : INTRQ timeout error end
//
//
STATUS_IDE_ERROR : Error end after command execution
//
//
//
///////////////////////////////////////////////////////////////////////////
int ATA_Write_Sector(int dev_num, UWORD lba, UHWORD sec_cnt, void *buff)
{


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn