Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UPD703103A Datasheet(PDF) 95 Page - NEC

No. de Pieza. UPD703103A
Descripción  32-Bit Single-Chip Microcontrollers
Descarga  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

UPD703103A Datasheet(HTML) 95 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
CHAPTER 5 APPLICATION EXAMPLES
Application Note U17121EJ1V1AN
95
wait(TIMER400ns);
// Wait 400 ns
idestat = *IDEREG_ALT_STATUS;
// Alt Status register empty read
*IDEREG_BUSMASTER_START_STOP |= 0x01;
// Bus Master Start
status = Wait_IDE_BMEND();
if ( status != 0 ) {
return STATUS_TIMEOUT_BMEND;
// BMEND timeout error end
}
status = Wait_IDE_INTRQ();
// Wait for INTRQ assert
if ( status != 0 ) {
return STATUS_TIMEOUT_INTRQ;
// INTRQ timeout error end
}
idestat = *IDEREG_ALT_STATUS;
// Alt Status register empty read
idestat = *IDEREG_STATUS;
// Status register read
if ( idestat & IDEREG_ERROR_ERR_BIT ) {
return STATUS_IDE_ERROR(*IDEREG_ERROR);
// Error end (after command execution)
}
return STATUS_SUCCESS;
// Normal end
}
/////////////////////////////////////////////////////////////////
// Function name: ATA_Soft_Reset
//
// Function: Performs software reset.
//
// Argument: None
//
// Return value:
//
//
STATUS_SUCCESS : Normal end
//
//
STATUS_TIMEOUT_BSY0 : BSY=0 timeout error end
//
//
//
/////////////////////////////////////////////////////////////////
int ATA_soft_reset(void)
{
int status;
*IDEREG_DEVICE_CONTROL = 0x04;
// Reset execution
wait(TIMER5ms);
// Wait 5 ms
*IDEREG_DEVICE_CONTROL = 0x00;
// Reset release
wait(TIMER5ms);
// Wait 5 ms
status = Wait_IDE_BSY0();
// Wait until BSY=0
if ( status != 0 ) {
return STATUS_TIMEOUT_BSY0;
// Timeout error end
}
return STATUS_SUCCESS;
}


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn