Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD703106A Datasheet(PDF) 82 Page - NEC

No. de pieza UPD703106A
Descripción Electrónicos  32-Bit Single-Chip Microcontrollers
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD703106A Datasheet(HTML) 82 Page - NEC

Back Button UPD703106A Datasheet HTML 78Page - NEC UPD703106A Datasheet HTML 79Page - NEC UPD703106A Datasheet HTML 80Page - NEC UPD703106A Datasheet HTML 81Page - NEC UPD703106A Datasheet HTML 82Page - NEC UPD703106A Datasheet HTML 83Page - NEC UPD703106A Datasheet HTML 84Page - NEC UPD703106A Datasheet HTML 85Page - NEC UPD703106A Datasheet HTML 86Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
CHAPTER 5 APPLICATION EXAMPLES
Application Note U17121EJ1V1AN
82
//
when Parity Error is detected.
// bit
2 : Bus Master = 1b : Enable PCI Bus Master transfer
// bit
0 : IO Space = 1b : Enable IO access to PCI-IDE ASIC board
PCI_ConfigWrite(ConfigAddress, ConfigData);
////////////////////////////
// Setting DES to disable //
////////////////////////////
ConfigAddress = 0x40000058;
// bit 31-11 : IDSEL specification = 010000000000000000000b
//
Select PCI device connected to AD30
// bit 10-08 : Function number = 00b
// bit 07-02 : Register number = 22 (010110b),
//
-> IDE Bus Master Control
//
(In the case of PCI-IDE ASIC board used in this application)
// bit 01-00 : 00b (fixed)
// IDE Bus Master Control
//
Disable DES (Set bit16 des_on to 0)
ConfigData = PCI_ConfigRead(ConfigAddress);
PCI_ConfigWrite(ConfigAddress, ConfigData & 0xFFFEFFFF);
///////////////////////////////////////////
// Setting of Interrupt Control register //
///////////////////////////////////////////
*IDEREG_INTERRUPT_CONTROL &= 0xFFFCFFFF;
// bit
17 : PCI Bus Master End Interrupt Mask = 0b (Interrupt enabled)
// bit
16 : PCI I/F Interrupt Mask = 0b (Interrupt enabled)
////////////////////////////////////////
// Setting of Device Command register //
////////////////////////////////////////
*IDEREG_DEVICE_CONTROL = 0x00;
// bit
2 : nIEN = 0b (Set INTRQ signal to enable)
///////////////////
// IDE Bus reset //
///////////////////
ConfigAddress = 0x40000044;
// bit 31-11 : IDSEL specification = 010000000000000000000b
//
Select PCI device connected to AD30
// bit 10-08 : Function number = 00b
// bit 07-02 : Register number = 17 (010001b),
//
-> IDE Reset Register
//
(In the case of PCI-IDE ASIC board used in this application)
// bit 01-00 : 00b (fixed)


Número de pieza similar - UPD703106A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-33 RENESAS-UPD703100-33 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD703100-40 NEC-UPD703100-40 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-40 RENESAS-UPD703100-40 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
More results

Descripción similar - UPD703106A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com