Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD703106AA Datasheet(PDF) 33 Page - NEC

No. de pieza UPD703106AA
Descripción Electrónicos  32-Bit Single-Chip Microcontrollers
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD703106AA Datasheet(HTML) 33 Page - NEC

Back Button UPD703106AA Datasheet HTML 29Page - NEC UPD703106AA Datasheet HTML 30Page - NEC UPD703106AA Datasheet HTML 31Page - NEC UPD703106AA Datasheet HTML 32Page - NEC UPD703106AA Datasheet HTML 33Page - NEC UPD703106AA Datasheet HTML 34Page - NEC UPD703106AA Datasheet HTML 35Page - NEC UPD703106AA Datasheet HTML 36Page - NEC UPD703106AA Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
CHAPTER 3 SPECIFICATIONS OF PCI HOST BRIDGE MACRO
Application Note U17121EJ1V1AN
33
3.3 Pin Functions
The pin functions of each interface are described below.
3.3.1 External bus slave interface pins
Pin Name
I/O
Function
Active
I_SRST_B
Input
System reset input
Low
I_CPU_CS0_B
Input
PCI host bridge register chip select input
Low
I_CPU_CS1_B
Input
PCI I/O area chip select input
Low
I_CPU_CS2_B
Input
PCI memory area chip select input
Low
I_CPU_ADR0 to I_CPU_ADR19
Input
CPU address input
I_CPU_DATA0 to I_CPU_DATA31
Input
CPU data input
O_CPU_DATA0 to O_CPU_DATA31
Output
CPU data output
EN_CPU_DATA
Output
CPU data output enable output
High
I_CPU_BE_B0 to I_CPU_BE_B3
Input
CPU data byte enable input
I_CPU_WE_B
Input
CPU write data enable input
Low
I_CPU_OE_B
Input
CPU read data output enable input
Low
O_CPU_WAIT_B
Output
CPU data wait output
Low
O_PCIHOST_INT
Output
PCI host bridge interrupt output
Low
I_MODE16
Input
CPU data bus width select input
Low: 32-bit width
High: 16-bit width
3.3.2 SDRAM bus interface pins
Pin Name
I/O
Function
Active
O_HOLDREQ_B
Output
SDRAM bus hold request output
Low
I_HOLDACK_B
Input
SDRAM bus hold acknowledge input
Low
I_SDCLK
Input
SDRAM clock input
O_SD_DATA0 to O_SD_DATA31
Output
SDRAM data output
I_SD_DATA0 to I_SD_DATA31
Input
SDRAM data input
EN_SD_DATA0, EN_SD_DATA1
Output
SDRAM data enable output
Low: Lower 16 bits (O_SD_DATA0 to O_SD_DATA15)
High: Higher 16 bits (O_SD_DATA16 to O_SD_DATA31)
O_SD_DQM_B0 to O_SD_DQM_B3
Output
SDRAM data mask output
Low
O_SD_ADR1 to O_SD_ADR25
Output
SDRAM address output
O_SD_CKE
Output
SDRAM clock enable output
High
O_SD_CS_B
Output
SDRAM chip select output
Low
O_SD_RAS_B
Output
SDRAM row address strobe output
Low
O_SD_CAS_B
Output
SDRAM column address strobe output
Low
O_SD_WR_B
Output
SDRAM read/write output
Low
EN_SD_CTL
Output
SDRAM control signal output enable output
(Output buffer enable of O_SD_ADR1 to O_SD_ADR25,
O_SD_CKE, O_SD_CS_B, O_SD_RAS_B,
O_SD_CAS_B, and O_SD_WR_B pins)
High


Número de pieza similar - UPD703106AA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-33 RENESAS-UPD703100-33 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD703100-40 NEC-UPD703100-40 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-40 RENESAS-UPD703100-40 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
More results

Descripción similar - UPD703106AA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com