Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD703106AA Datasheet(PDF) 57 Page - NEC |
|
UPD703106AA Datasheet(HTML) 57 Page - NEC |
57 / 99 page Application Note U17121EJ1V1AN 57 CHAPTER 4 CONFIGURATION EXAMPLES OF FPGA INTEGRATION This chapter describes configuration examples in which the PCI host bridge macro is integrated in an FPGA (Altera’s EP20K200EQC240-1X). 4.1 Conditions for Configuration Examples of FPGA Integration The conditions in the configuration examples are as follows. (1) CPU: V850E/ME2 (2) Bus width of external bus interface: 32 bits (3) CS space of PCI host bridge: CSZ6 (4) CS space of SDRAM: CSZ3 (5) SDRAM: Connecting two 16 M × 16 SDRAMs (4 M × 16 × 4 banks) (6) PCI connection: 2 devices 4.2 Points to Remember When Creating Top Layer of FPGA Points to remember when integrating the PCI host bridge macro with an FPGA are indicated below. (1) First decode the chip select from the address before creation. • I_CPU_CS0_B: PCI host bridge register chip select (Offset address in 3.4 Registers) • I_CPU_CS1_B: PCI I/O area chip select (See Figure 3-3 CPU Memory Space/PCI Bus I/O Space Address Map) • I_CPU_CS2_B: PCI memory area chip select (See Figure 3-4 CPU Memory Space/PCI Bus Memory Space Address Map) (2) Because the buffers of the address bus and data bus for the expansion bus interface are output when the PCI host bridge controls SDRAM, they become bidirectional pins via the selector. The following pins that control SDRAM become 3-state output. • DQM0 to DQM3, SDCKE, SDCS, SDRAS, SDCAS, SDWEZ (3) The following PCI bus interface pins become bidirectional pins. • AD, CBE, FRAME, IRDY, DEVSEL, TRDY, STOP, PAR, PERR (4) There are three interrupt request output signals: one is output from the PCI host bridge; the remaining two are INTA and INTB signals from the external PCI slot and are directly connected to the CPU. |
Número de pieza similar - UPD703106AA |
|
Descripción similar - UPD703106AA |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |