Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

JGX-1505FB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de Pieza. JGX-1505FB
Descripción  SOLID STATE RELAY
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

JGX-1505FB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3GDRSPGQ
Tl[hmc_hn
ip_lpifn[a_
Ec_f_]nlc] mnl_hanb
. chjon ni ionjon /
Jhmof[ncih l_mcmn[h]_
Tb_ KHX26:5:GC i``_l 8287VED il >527=5VBD chjon ]ihnlif1qcnb
ionjonm l[n_^ [n 6516:17517: il 95Bgjm3Bff gi^_fm ch]fo^_ [h
chn_lh[f mho\\_l3 Tb_ l_f[sm jlipc^_ 9555Vlgm ijni2cmif[ncih1
\_nq__h chjon [h^ ionjon3 Oonfch_ ^cg_hmcih cm :=39ggX9:3
<ggX773>gg3
DQD57556556>8;
Gcf_ Ni? F6889=6
Li[^ pifn[a_
l[ha_ .[n 9<2;8IZ/
M[r3 ih2mn[n_ pifn[a_
^lij
Bg\c_hn
n_gj_l[nol_
.[n :54;5It1 6gch3/
.[n :54;5It1 6gch3/
;<20.?>6:9=
Wb_h ]biimcha [ SSR1 jf_[m_ hinc]_ nb_ []no[f fi[^ ]oll_hn
[h^ qilecha [g\c_hn n_gj_l[nol_3 Ti om_ nb_ SSR ]ill_]nfs1
jf_[m_ l_`_l ni DIBRBDTFRJSTJD EBTB [h^ g[e_ mol_ nb_
b_[n mche mct_ qb_h cn qilem ch `off fi[^ ]oll_hn3
Bjjfs b_[n2l[^c[ncih mcfc]ih al_[m_ i` [ b_[n ]ih^o]ncp_ mb__n
\_nq__h nb_ SSR [h^ b_[n mche3 Tb_l_ qcff \_ [ mj[]_ \_nq__h
nb_ SSR [h^ b_[n mche Bnn[]b_^ ni nb_ SSR3 Tb_l_`il_1 nb_
a_h_l[n_^ b_[n i` nb_ SSR ][hhin \_ l[^c[n_^ jlij_lfs qcnbion
nb_ al_[m_3 Bm [ l_mofn1 nb_ SSR g[s \_ ip_lb_[n_^ [h^
^[g[a_^ il ^_n_lcil[n_^3
Tcabn_h nb_ SSR n_lgch[f m]l_qm jlij_lfs3 J` nb_ m]l_qm [l_
hin ncabn1 nb_ SSR qcff \_ E[g[a_^ \s b_[n a_h_l[n_^ qb_h
nb_ jiq_l ch ON3 P_l`ilg qclcha omcha nb_ ncabn_hcha nilko_
mbiqh ch nb_ `iffiqcha n[\f_3
9555VBD
6555M
IONHGB RFLBY
S]l_q mct_
R_]igg_h^_^ ncabn_h_^
nilko_
M8
53:= ni 53>= Nwg
M9
53>= ni 638< Nwg
JSO>556WJSO4TS6;>9> WJSO69556 DFRTJGJFE
VFRSJON? FN57275595;56
Oj_l[ncha
Snil[a_
Uhcn q_cabn
6=
6W
7W
8W
\[]{},|,3/
12=0<6;>6:9
Nin_m? Bff j[l[g_n_lm [n 7: 3
:?>;?>
Li[^ ]oll_hn l[ha_.B/
M[r3 mola_ ]oll_hn.65gm/
M[r3 f_[e[a_ ]oll_hn
M[r3 nolh2ih ncg_
M[r3 nolh2ih ncg_
M[r3 nolh2i`` ncg_
Mch3 i``2mn[n_.^p4^n/
Mch3 jiq_l `[]nil
9= ni 7=5Vlgm
9= ni 955Vlgm
;55Vje
=55Vje
E795
E8=5
E795
E8=5
536 ni 65
655Bje
8gB
536 ni 6:
6:5Bje
:gB
536 ni 75
755Bje
:gB
536 ni 7:
7:5Bje
65gB
536 ni 95
955Bje
65gB
63:VBD
647]s]f_06gm .Z_li Dlimm/
6gm .R[h^ig nolh2ih/
647]s]f_06gm
755V4vm
53:
285 ni 0=5
285 ni 0655
nsj3 ==a
=:761 =>.>2 <27.B
4292<.7
Tsj_
Tsj_
9555V ^c_f_]nlc] mnl_hanb
Pbini cmif[ncih
Cocfn2ch mho\\_l
TRJBD BD ionjon
P[h_f giohn
ED il BD ]ihnlif
Wcnb LFE ch^c][nil il hin
X
X
X
X
X
X
X
69;?>
Dihnlif pifn[a_ l[ha_ .ED chjon/
Dihnlif pifn[a_ l[ha_ .BD chjon/
Momn ij_l[n_ pifn[a_ .ED chjon/
Momn ij_l[n_ pifn[a_ .BD chjon/
Momn l_f_[m_ pifn[a_ .ED chjon/
Momn l_f_[m_ pifn[a_ .BD chjon/
M[rcgog chjon ]oll_hn .ED chjon/
M[rcgog l_p_lm_ jlin_]ncih pifn[a_
.ED chjon/
8ni87VED
>5 ni 7=5VBD
M[r3 8VED
>5VBD
Mch3 635VED
65Vlgm
7:gB.A 87VED/
2 87VED
E2YB65Y E2YB6:Y E2YB75Y E2YB7:Y E2YB95Y
E2YB65Y E2YB6:Y E2YB75Y E2YB7:Y E2YB95Y


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
VN03ISO HIGH SIDE SMART POWER SOLID STATE RELAY 1 2 3 4 5 MoreSTMicroelectronics
VN31ISO HIGH SIDE SMART POWER SOLID STATE RELAY 1 2 3 4 5 MoreSTMicroelectronics
VND05BDOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY 1 2 3 4 5 MoreSTMicroelectronics
TLP631PROGAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY 1 2 3 4 5 MoreToshiba Semiconductor
53258RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY 1 2 3 4 Micropac Industries
TSS5G45STOSHIBA SOLID STATE AC RELAY 1 2 3 4 Toshiba Semiconductor
TSS10J45SSOLID STATE AC RELAY 1 2 3 4 Toshiba Semiconductor
LH1511BAB1 Form B Solid State Relay 1 2 3 4 Vishay Siliconix
JC202PC2AC Solid State Relay 1 2 3 4 List of Unclassifed Manufacturers
KAQV216HSOLID STATE RELAY - MOSFET OUTPUT 1 2 3 4 5 MoreCOSMO Electronics Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn