Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML3406NFBMRG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza ML3406NFBMRG
Descripción Electrónicos  Synchronous Step-Down DC-DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

ML3406NFBMRG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML3406NFBMRG Datasheet HTML 1Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 2Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 3Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 4Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 5Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 6Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 7Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 8Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 / 12
Rev. E, Sep 2005
ML3406
ML3406
Synchronous Step-Down DC-DC Controller
Vout=1.5V, 1.8V
Iout=600mA
f=1.5MHz
Description
The ML3406 is a high efficiency monolithic synchronous
step-down regulator using a constant frequency, current
mode architecture. The device is available in an adjustable
version and fixed output voltages of 1.5V and 1.8V Supply
current during operation is only 20µA and drops to ≤1µA in
shutdown. The 2.5V to 5.5V input voltage range makes the
ML3406 ideally suited for single LI-Ion battery-powered
applications. 100% duty cycle provides low dropout
operation extending battery life in portable systems.
Automatic Burst Mode operation increases efficiency at
light loads, further extending battery life. Switching
frequency is internally set at 1.5MHZ, allowing the use of
small surface mount inductors and capacitors. The internal
synchronous switch increases efficiency and eliminates
the need for an external Schottky diode. Low output
voltages are easily supported with the 0.6V feed-back
reference voltage. The ML3406 is available in a low profile
SOT-23-5L package.
Ordering Information
Item
Package
Shipping
ML3406NFBMRG
SOT-23-5
3000/Reel&Tape
ML3406N15MRG
SOT-23-5
3000/Reel&Tape
ML3406N18MRG
SOT-23-5
3000/Reel&Tape
Typical Information
Figure 1
Features
2.5V to 5.5V Input Voltage Range
600mA Output Current
1.5MHz Constant Frequency Operation
Low Quiescent Current: Only 20µA During Operation
High Efficiency: Up to 96%
Low Dropout Operation:100% Duty Cycle
No Schottky Diode Required
0.6 V Reference Allows Low Output Voltages
Shutdown Mode Draws ≤ 1µA Supply Current
Current Mode Operation for Excellent Line and Load
Transient Response
Over temperature Protected
Mini Package SOT-23-5L
Application
Cellular Telephones
Personal Information Appliances
Wireless and DSL Modems
Digital Still Cameras
MP3 Players
Portable Instruments
Efficiency – Load current
Figure 2
ML3406


Número de pieza similar - ML3406NFBMRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063M MINILOGIC-ML34063M Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063MG MINILOGIC-ML34063MG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063N MINILOGIC-ML34063N Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063NG MINILOGIC-ML34063NG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
More results

Descripción similar - ML3406NFBMRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com