Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML3406NFBMRG Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza ML3406NFBMRG
Descripción Electrónicos  Synchronous Step-Down DC-DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

ML3406NFBMRG Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML3406NFBMRG Datasheet HTML 4Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 5Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 6Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 7Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 8Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 9Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 10Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 11Page - List of Unclassifed Manufacturers ML3406NFBMRG Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 / 12
Rev. E, Sep 2005
ML3406
Application Information (4)
Recommend Surface Mount Inductors of
Marker
Part
Value DCR
Max DC
SIZE
Number
Current
WxLxH
µ
µ
µH)
(Ω
ΩMax (A)
(mm
3)
Sumida
1.5
0.043
1.55
3.8x3.8x1.8
CDRH3D16
2.2
0.075
1.20
3.3
0.110
1.10
4.7
0.162
0.90
Sumida
2.2
0.116
0.950
3.5x4.3x0.8
CMD4D06
3.3
0.174
0.770
4.7
0.216
0.750
Panasonic
3.3
0.17
1.00
4.5x5.4x1.2
ELT5KT
4.7
0.20
0.95
Murata
1.0
0.60
1.00
2.5x3.2x2.0
LQH32CN
2.2
0.097
0.79
4.7
0.150
0.65
Figure 7
Figure 9
ML3406 Layout Diagram
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
ML3406. These items are also illustrated graphically in
Figures 7 and 8. Check the following in your layout:.
1. The power traces, consisting of the GND trace, the SW
trace and the VIN trace should be kept short, direct and
wide.
2. Dose the VFB pin connect directly to the feedback
resistors? The resistive divider R1/R2 must be
connected between the (+) plate of COUT and ground.
3. Does the (+) plate of CIN connect to VIN as closely as
possible? This capacitor provides the AC current to the
internal power MOSFETs.
4. Keep the switching node, SW, away from the sensitive
VFB node.
5. Keep the (-)plates of CIN and COUT as close as possible.
Figure 8
Figure 10
ML3406 Layout Diagram
ML3406 -1.8
ML3406-1.8
ML3406


Número de pieza similar - ML3406NFBMRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063M MINILOGIC-ML34063M Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063MG MINILOGIC-ML34063MG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063N MINILOGIC-ML34063N Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063NG MINILOGIC-ML34063NG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
More results

Descripción similar - ML3406NFBMRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com