Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML3406N18MRG Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza ML3406N18MRG
Descripción Electrónicos  Synchronous Step-Down DC-DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

ML3406N18MRG Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ML3406N18MRG Datasheet HTML 4Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 5Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 6Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 7Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 8Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 9Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 10Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 11Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 / 12
Rev. E, Sep 2005
ML3406
Application Information (5)
Design Example
As a design example, assume the ML3406 is used in a
single Lithium - on battery – powered cellular phone
application. The VIN will be operation from maximum of
4.2V down to about 2.7V. The load current requirement is
a maximum of 0.6A but most of the time it will be in
standby mode, requiring only 2mA. Efficiency at both low
and high load currents is important. Output voltage is 2.5V.
With this information we can calculate L using equation
(1),
1
VOUT
L =
(f) (
IL)
VOUT ( 1-
VIN
)
(3)
Substituting VOUT = 2.5V, VIN = 4.2V,
IL = 240mA and f
=1.5MHz in equation (3) gives:
2.5V
2.5V
L =
1.5MHz (240mA)
( 1-
4.2V
) = 2.81µH
A 2.2µH inductor works well for this application. For best
efficiency choose a 720mA or greater inductor with less
than 0.2Ω series resistance
CIN will require and RMS current rating of at least 0.3A≒
ILOAD(MAX) / 2 at temperature and COUNT will require and ESR
of less than 0.25Ω. In most cases, a ceramic capacitor will
satisfy this requirement.
For the feedback resistors, choose R1=316k. R2 can then
be calculated from equation (2) to be:
VOUT
R2 =
(
0.6
- 1) R1 = 1000k
Figure 11
Recommend Components
Component
Rating
Item
Maker
L=2.2uH
LQH32CN2R2M33
Coil
L=4.7uH
LQH32CN2R7M34
Murata
Cin=2.2uF Ceramic
LMK212BJ225MG
Cin=4.7uF Ceramic
JMK212BJ475MG
Cin=10uF Ceramic
JMK316BJ106ML
Tayo Yuden
Capacitor
Cin=100uF Ceramic
4TPB100M
Sanyo POSCAP
ML3406


Número de pieza similar - ML3406N18MRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063M MINILOGIC-ML34063M Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063MG MINILOGIC-ML34063MG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063N MINILOGIC-ML34063N Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063NG MINILOGIC-ML34063NG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
More results

Descripción similar - ML3406N18MRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com