Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML3406N18MRG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza ML3406N18MRG
Descripción Electrónicos  Synchronous Step-Down DC-DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

ML3406N18MRG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ML3406N18MRG Datasheet HTML 1Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 2Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 3Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 4Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 5Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 6Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 7Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 8Page - List of Unclassifed Manufacturers ML3406N18MRG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 / 12
Rev. E, Sep 2005
ML3406
Absolute Maximum Ratings (Ta=25
oC, Vin=3.6V unless otherwise specified)
Parameter
Symbol
Maximum Ratings
Unit
Input Supply Voltage
Vin
-0.3V to 6V
V
Run, VFB Voltages
VFB, VRUN
-0.3V to VIN
V
SW Voltage
VSW
-0.3V to (VIN +0.3V)
V
P-Channel Switch Source Current (DC)
ISW-P
800mA
mA
N-Channel Switch Sink Current (DC)
ISW-N
800mA
mA
Peak SW Sink and Source Current
ISWmax
1.3A
A
Operating Temperature Range
Ta
0°C to 70°C
°C
Junction Temperature (Note 3)
Tj
125°C
°C
Storage Temperature Range
Tstg
-65°C to 150°C
°C
Lead Temperature (Soldering, 10 sec)
TL
300°C
°C
Electrical Characteristics (Ta=25
oC, Vin=3.6V unless otherwise specified)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Feedback Current
IVFB
±30
nA
TA=25°C
588.0
600
612.0
mV
0°C TA≤85°C
586.5
600
613.5
mV
Regulated Feedback Voltage
VFB
-40°C≤TA≤85°C
585.0
600
615.0
mV
Reference Voltage Line Regulation
VFB
VIN=2.5V to 5.5V (Note4)
0.04
0.4
%/V
ML3406-1.5, IOUT=100mA
1.455
1.500
1.545
V
Regulated Output Voltage
VOUT
ML3406-1.8, IOUT=100mA
1.746
1.800
1.854
V
Output voltage Line Regulation
VOUT
VIN=2.5V to 5.5V
0.04
0.4
%/V
Peak Inductor Current
IPK
VIN=3V, VFB=0.5V or VOUT=90%,
Duty Cycle<35%
0.75
1
1.25
A
Output Voltage Load Regulation
VLOADREG
0.5
%
Input Voltage Range
VIN
2.5
5.5
V
Active Mode
VFB=0.5 or VOUT=90%, ILOAD=0A
300
400
µA
Sleep Mode
VFB=0.62V or VOUT=103%, ILOAD=0A
20
35
µA
Input DC
Bias Current
Shutdown
IS
VRUN=0V, VIN=4.2V
0.1
1
µA
Oscillator Frequency
fOSC
VFB=0.6V or VOUT=100%
VFB=0V or VOUT=0V
1.2
1.5
210
1.8
MHz
kHz
RDS(ON) of P-Channel FET
RPFET
ISW=100mA
0.4
0.5
RDS(ON) of N-Channel FET
RNFET
ISW=-100mA
0.35
0.45
SW Leakage
ILSW
VRUN=0V, VSW=0V or 5V, VIN=5V
±0.01
±1
µA
RUN Threshold
VRUN
0.3
1
1.5
V
RUN Leakage Current
IRUN
±0.01
±1
µA
Note1: Absolute Maximum Ratings are those values
beyond which the life of a device may be impaired.
Note 2: The ML3406 is guaranteed to meet performance
specifications from 0°C to 70°C. Specifications over the
-40°C to 85°C operating temperature range are assured
by design, characterization and correlation with statistical
process controls.
∗:apply over the full operating temperature range.
Note 3: Tj=Ta + (PD) (250°C/W)
Note 4: The ML3406 is tested in a proprietary test mode
that connects VFB to the output of the error amplifier.
Note 5: Dynamic supply current is higher due to the gate
charge being delivered at the switching frequency.


Número de pieza similar - ML3406N18MRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063M MINILOGIC-ML34063M Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063MG MINILOGIC-ML34063MG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063N MINILOGIC-ML34063N Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
ML34063NG MINILOGIC-ML34063NG Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
More results

Descripción similar - ML3406N18MRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com