Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX6791 Datasheet(PDF) 12 Page - Maxim Integrated Products

No. de pieza MAX6791
Descripción Electrónicos  High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6791 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX6791 Datasheet HTML 8Page - Maxim Integrated Products MAX6791 Datasheet HTML 9Page - Maxim Integrated Products MAX6791 Datasheet HTML 10Page - Maxim Integrated Products MAX6791 Datasheet HTML 11Page - Maxim Integrated Products MAX6791 Datasheet HTML 12Page - Maxim Integrated Products MAX6791 Datasheet HTML 13Page - Maxim Integrated Products MAX6791 Datasheet HTML 14Page - Maxim Integrated Products MAX6791 Datasheet HTML 15Page - Maxim Integrated Products MAX6791 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
High-Voltage, Micropower, Single/Dual Linear
Regulators with Supervisory Functions
12
______________________________________________________________________________________
Detailed Description
The MAX6791–MAX6796 ultra-low-quiescent-current,
single-/dual-output, high-input-voltage linear regulators
operate from 5V to 72V. The MAX6791–MAX6794 fea-
ture dual regulators that deliver up to 150mA of load
current per output. One output is available with preset
output-voltage options (+1.8V, +2.5V, +3.3V, and
+5.0V) and can be adjusted to any voltage between
+1.8V to +11V using an external resistive-divider at
SET1. The other output provides a fixed 5V output volt-
age. The MAX6795/MAX6796 feature a single regulator
that delivers up to 300mA of current with preset output-
voltage options (+1.8V, +2.5V, +3.3V, and +5.0V) or
can be adjusted to any voltage between +1.8V to +11V.
All devices include an integrated µP reset circuit with a
fixed/adjustable reset and watchdog timeout period.
The MAX6791–MAX6796 monitor OUT/OUT1 and
assert a reset output when the output falls below the
reset threshold.
Regulators
The single and dual regulators accept an input voltage
from 5V to 72V. The MAX6791–MAX6796 offer fixed
preset output voltages of +1.8V, +2.5V, +3.3V, and
+5V, or an adjustable output voltage of +1.8V to +11V,
selected using an external resistive-divider network
connected between OUT1/OUT, SET1/SET, and GND
(see Figure 1). In addition to an adjustable output, the
MAX6791–MAX6794 feature a fixed 5V output voltage.
Reset Output
The reset output is typically connected to the reset
input of a µP. A µP’s reset input starts or restarts the µP
in a known state. The MAX6791–MAX6796 supervisory
circuits provide the reset logic output to prevent code-
execution errors during power-up, power-down, and
brownout conditions (see the Typical Application
Circuit). RESET changes from high to low whenever the
monitored output voltage drops below the reset thresh-
old voltage or the watchdog timeout expires. Once the
monitored voltage exceeds its respective reset thresh-
old voltage, RESET remains low for the reset timeout
period, then goes high.
Pin Description (continued)
PIN
MAX6791/
MAX6792
MAX6793/
MAX6794
MAX6795/
MAX6796
NAME
FUNCTION
—10
10, 13, 14,
15
N.C.
Not Internally Connected
——
1, 2
OUT
Regulator Output. Fixed +5V, +3.3V, +2.5V, +1.8V, or adjustable output
(+1.8V to +11V). Connect a 10µF (min) capacitor from OUT to GND.
——
3
SET
Feedback Input for Setting the OUT Voltage. Connect SET to GND to select the
preset output voltage. Connect to an external resistive-divider for adjustable
output operation.
——
20
ENABLE
Active-High Enable Input. Drive ENABLE high to turn on the regulator. ENABLE
is internally connected to ground through a 0.5µA current sink.
——
EP
Exposed Pad. EP is internally connected to GND. Connect EP to the ground
plane to provide a low thermal-resistance path from the IC junction to the PC
board. Do not use as the electrical connection to GND.


Número de pieza similar - MAX6791

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791 Datasheet
405Kb / 24P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 2; 10/11
MAX6791 MAXIM-MAX6791 Datasheet
131Kb / 6P
   MAX6791 Evaluation Kit
Rev 0; 3/06
MAX6791EVKIT MAXIM-MAX6791EVKIT Datasheet
131Kb / 6P
   MAX6791 Evaluation Kit
Rev 0; 3/06
MAX6791TP MAXIM-MAX6791TP Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
More results

Descripción similar - MAX6791

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791_11 Datasheet
405Kb / 24P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 2; 10/11
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com