Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM500002V7 Datasheet(PDF) 3 Page - Tyco Electronics

No. de pieza AM500002V7
Descripción Electrónicos  Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

AM500002V7 Datasheet(HTML) 3 Page - Tyco Electronics

  AM500002V7 Datasheet HTML 1Page - Tyco Electronics AM500002V7 Datasheet HTML 2Page - Tyco Electronics AM500002V7 Datasheet HTML 3Page - Tyco Electronics AM500002V7 Datasheet HTML 4Page - Tyco Electronics AM500002V7 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low Noise Amplifier
1.575 GHz
AM50-0002
3
V7
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
1
1.5
2
2.5
3
1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
Input
Output
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.5
1.52
1.54
1.56
1.58
1.6
Frequency (GHz)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.5
1.52
1.54
1.56
1.58
1.6
Frequency (GHz)
+85C
+25C
-40C
20
21
22
23
24
25
26
27
28
1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
20
21
22
23
24
25
26
27
28
1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
-40C
+85C
+25C
Typical Performance
Gain vs. Frequency, TA = +25C
Gain vs. Frequency over Temperature
Input IP3 vs. Frequency, TA = +25C
Noise Figure vs. Frequency over Temperature
Noise Figure vs. Frequency, TA = +25C
VSWR vs. Frequency, TA = +25C
-16
-15.5
-15
-14.5
-14
-13.5
-13
-12.5
-12
1.5
1.52
1.54
1.56
1.58
1.6
Frequency (GHz)


Número de pieza similar - AM500002V7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM500002V8 MACOM-AM500002V8 Datasheet
211Kb / 3P
   Low Noise Amplifier
More results

Descripción similar - AM500002V7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com