Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM50-0012TR Datasheet(PDF) 3 Page - Tyco Electronics

No. de pieza AM50-0012TR
Descripción Electrónicos  High Dynamic Range LNA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0012TR Datasheet(HTML) 3 Page - Tyco Electronics

  AM50-0012TR Datasheet HTML 1Page - Tyco Electronics AM50-0012TR Datasheet HTML 2Page - Tyco Electronics AM50-0012TR Datasheet HTML 3Page - Tyco Electronics AM50-0012TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Dynamic Range LNA, 1800 - 2200 MHz
AM50-0012
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
3
Typical Performance Curves
Input IP3 vs. Temperature
(Pin = -15 dBm)
Noise Figure vs. Temperature
Output Return Loss vs. Temperature
Input Return Loss vs. Temperature
Gain vs. Temperature
14
16
18
20
22
1800
1900
2000
2100
2200
Frequency (MHz)
+85°C
+25°C
-30°C
-20
-16
-12
-8
-4
0
1800
1900
2000
2100
2200
Frequency (MHz)
+85°C
+25°C
-30°C
-20
-16
-12
-8
-4
0
1800
1900
2000
2100
2200
Frequency (MHz)
+85°C
+25°C
-30°C
0.0
0.4
0.8
1.2
1.6
2.0
1800
1900
2000
2100
2200
Frequency (MHz)
+85°C
+25°C
-30°C
0
4
8
12
16
1800
1900
2000
2100
2200
Frequency (MHz)
+85°C
+25°C
-30°C


Número de pieza similar - AM50-0012TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM50-0012TR MACOM-AM50-0012TR Datasheet
145Kb / 4P
   High Dynamic Range LNA 1700-2400 MHz
AM50-0012TR-3000 MACOM-AM50-0012TR-3000 Datasheet
145Kb / 4P
   High Dynamic Range LNA 1700-2400 MHz
More results

Descripción similar - AM50-0012TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
   High Dynamic Range LNA
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
   High dynamic range dual LNA MMIC
2000 Aug 28
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
   High dynamic range dual LNA MMIC
1999 Dec 23
logo
Tyco Electronics
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
   High Dynamic Range LNA 1700 - 2400 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
   High Dynamic Range LNA 1700-2400 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
   high dynamic range
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
177Kb / 4P
   High Dynamic Range FET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com