Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NVH4L020N120SC1 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza NVH4L020N120SC1
Descripción Electrónicos  MOSFET - SiC Power, Single N-Channel, TO247-4L
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVH4L020N120SC1 Datasheet(HTML) 8 Page - ON Semiconductor

  NVH4L020N120SC1 Datasheet HTML 1Page - ON Semiconductor NVH4L020N120SC1 Datasheet HTML 2Page - ON Semiconductor NVH4L020N120SC1 Datasheet HTML 3Page - ON Semiconductor NVH4L020N120SC1 Datasheet HTML 4Page - ON Semiconductor NVH4L020N120SC1 Datasheet HTML 5Page - ON Semiconductor NVH4L020N120SC1 Datasheet HTML 6Page - ON Semiconductor NVH4L020N120SC1 Datasheet HTML 7Page - ON Semiconductor NVH4L020N120SC1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NVH4L020N120SC1
www.onsemi.com
8
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
TECHNICAL SUPPORT
North American Technical Support:
Voice Mail: 1 800−282−9855 Toll Free USA/Canada
Phone: 011 421 33 790 2910
LITERATURE FULFILLMENT:
Email Requests to: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Europe, Middle East and Africa Technical Support:
Phone: 00421 33 790 2910
For additional information, please contact your local Sales Representative


Número de pieza similar - NVH4L020N120SC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NVH4L020N120SC1 ONSEMI-NVH4L020N120SC1 Datasheet
363Kb / 8P
   Silicon Carbide (SiC) MOSFET – 20 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 4
NVH4L020N120SC1 ONSEMI-NVH4L020N120SC1_V01 Datasheet
363Kb / 8P
   Silicon Carbide (SiC) MOSFET – 20 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 4
More results

Descripción similar - NVH4L020N120SC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NVH4L015N065SC1 ONSEMI-NVH4L015N065SC1 Datasheet
355Kb / 8P
   MOSFET - SiC Power, Single N-Channel, TO247-4L 650 V, 12 m, 142 A
September, 2021 ??Rev. 3
NVH4L045N065SC1 ONSEMI-NVH4L045N065SC1 Datasheet
366Kb / 8P
   MOSFET - SiC Power, Single N-Channel, TO247-4L 650 V, 33 m, 55 A
February, 2021-Rev. 0
NVH4L040N120SC1 ONSEMI-NVH4L040N120SC1 Datasheet
282Kb / 8P
   MOSFET - SiC Power, Single N-Channel, TO247-4L 1200 V, 40 m, 58 A
April, 2020 ??Rev. 1
NVH4L022N120M3S ONSEMI-NVH4L022N120M3S Datasheet
339Kb / 10P
   MOSFET - SiC Power, Single N-Channel, TO247-4L 1200 V, 22 m, 68 A
July, 2021-Rev. 0
NTH4L020N120SC1 ONSEMI-NTH4L020N120SC1 Datasheet
283Kb / 8P
   MOSFET ??SiC Power, Single N-Channel, TO247-4L 1200 V, 20 m, 102 A
April, 2020 ??Rev. 2
NTH4L040N120SC1 ONSEMI-NTH4L040N120SC1 Datasheet
282Kb / 8P
   MOSFET ??SiC Power, Single N-Channel, TO247-4L 1200 V, 40 m, 58 A
April, 2020 ??Rev. 1
NTH4L160N120SC1 ONSEMI-NTH4L160N120SC1 Datasheet
277Kb / 8P
   MOSFET ??SiC Power, Single N-Channel, TO247-4L 1200 V, 160 m, 17.3 A
April, 2020 ??Rev. 2
NTH4L022N120M3S ONSEMI-NTH4L022N120M3S Datasheet
261Kb / 9P
   MOSFET - SiC Power, Single N-Channel, TO247-4L 1200 V, 22 m, 68 A
October, 2021 ??Rev. 1
NVH4L160N120SC1 ONSEMI-NVH4L160N120SC1 Datasheet
277Kb / 8P
   MOSFET - SiC Power, Single N-Channel, TO247-4L 1200 V, 160 m, 17.3 A
April, 2020 ??Rev. 2
NVH4L018N075SC1 ONSEMI-NVH4L018N075SC1 Datasheet
353Kb / 8P
   MOSFET - SiC Power, Single N-Channel, TO247-4L 750 V, 13.5 m, 140 A
September, 2021-Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com