Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LTM10C348S Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de Pieza. LTM10C348S
Descripción  LIQUID CRYSTAL DISPLAY DIVISION PRODUCT INFORMATION
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

LTM10C348S Datasheet(HTML) 6 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(6/10)
2000-02-18 (Ver.2.4)
LTM10C348S
CONNECTOR PIN ASSIGNMENT FOR INTERFACE
CN1
INPUT SIGNAL
Connector : DF19L-14P-1H / HIROSE ELECTRIC CO.,LTD.
Mating Connector : DF19G-14S-1C / HIROSE ELECTRIC CO.,LTD.
Terminal No.
Symbol
Function
1
V
DD
Power Supply : +3.3V
2
V
DD
Power Supply : +3.3V
3GND
4GND
5
IN0-
Transmission Data of Pixels 0
(Negative : - )
6
IN0+
Transmission Data of Pixels 0
(Positive : + )
7
IN1-
Transmission Data of Pixels 1
(Negative : - )
8
IN1+
Transmission Data of Pixels 1
(Positive : + )
9
IN2-
Transmission Data of Pixels 2
(Negative : - )
10
IN2+
Transmission Data of Pixels 2
(Positive : + )
11
CLK-
Sampling Clock
(Negative : - )
12
CLK+
Sampling Clock
(Positive : + )
13
GND
14
GND
CN2
CCFL POWER SOURCE
Connector : BHTR-02VS / JAPAN SOLDERLESS TERMINAL MFG CO.,LTD.
Mating Connector : SM02B-BHTS-B-TB / JAPAN SOLDERLESS TERMINAL MFG CO.,LTD.
Terminal No.
Symbol
Function
1
VFLH
CCFL Power Supply ( high voltage)
2
VFLL
CCFL Power Supply (low voltage)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn