Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
93L09DMQB Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
93L09DMQB Datasheet(HTML) 1 Page - National Semiconductor (TI) |
1 / 4 page TLF9602 June 1989 93L09 Dual 4-Input Multiplexer General Description The 93L09 monolithic dual 4-input digital multiplexers con- sist of two multiplexing circuits with common input select logic Each circuit contains four inputs and fully buffered complementary outputs In addition to multiplexer operation the 93L09 can generate any two functions of three vari- ables Active pullups in the outputs ensure high drive and high speed performance Because of its high speed per- formance and on-chip select decoding the 93L09 may be cascaded to multiple levels so that any number of lines can be multiplexed onto a single output bus Features Y Multifunction capability Y On-chip select logic decoding Y Fully buffered complementary outputs Connection Diagram Dual-In-Line Package TLF9602 – 1 Order Number 93L09DMQB or 93L09FMQB See NS Package Number J16A or W16A Logic Symbol TLF9602 – 2 VCC e Pin 16 GND e Pin 8 Pin Names Description S0 S1 Common Select Inputs I0a – I3a Multiplexer A Inputs Za Multiplexer A Output Za Complementary Multiplexer A Output I0b – I3b Multiplexer B Inputs Zb Multiplexer B Output Zb Complementary Multiplexer B Output C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Número de pieza similar - 93L09DMQB |
|
Descripción similar - 93L09DMQB |