Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT854W Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BAT854W
Descripción Electrónicos  Schottky barrier (double) diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT854W Datasheet(HTML) 2 Page - NXP Semiconductors

  BAT854W Datasheet HTML 1Page - NXP Semiconductors BAT854W Datasheet HTML 2Page - NXP Semiconductors BAT854W Datasheet HTML 3Page - NXP Semiconductors BAT854W Datasheet HTML 4Page - NXP Semiconductors BAT854W Datasheet HTML 5Page - NXP Semiconductors BAT854W Datasheet HTML 6Page - NXP Semiconductors BAT854W Datasheet HTML 7Page - NXP Semiconductors BAT854W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Feb 27
2
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAT854W series
FEATURES
• Very low forward voltage
• Very low reverse current
• Guard ring protected
• Very small SMD plastic package.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes
• Low power consumption
applications (e.g. hand-held
applications).
DESCRIPTION
Planar Schottky barrier diodes
encapsulated in a SOT323 very small
SMD plastic package. Single diodes
and double diodes with different
pinning are available.
MARKING
PINNING
TYPE NUMBER
MARKING
CODE
BAT854W
81
BAT854AW
82
BAT854CW
83
BAT854SW
84
PIN
SYMBOL
BAT854W
1a
2
n.c.
3k
BAT854AW
1k1
2k2
3a1,a2
BAT854CW
1a1
2a2
3k1, k2
BAT854SW
1a1
2k2
3k1, a2
handbook, 2 columns
3
12
MBC870
Top view
Fig.1
Simplified outline
SOT323 and pin
configuration.
3
12
n.c.
MLC357
Fig.2
BAT854W single diode
configuration (symbol).
3
12
MLC360
Fig.3
BAT854AW diode
configuration (symbol).
3
12
MLC359
Fig.4
BAT854CW diode
configuration (symbol).
3
12
MLC358
Fig.5
BAT854SW diode
configuration (symbol).


Número de pieza similar - BAT854W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
logo
NXP Semiconductors
BAT854W NXP-BAT854W Datasheet
218Kb / 7P
   Schottky barrier (double) diodes
2001 Feb 27
logo
Nexperia B.V. All right...
BAT854W NEXPERIA-BAT854W Datasheet
188Kb / 8P
   40 V, 200 mA Schottky barrier diode
4 January 2023
BAT854W-Q NEXPERIA-BAT854W-Q Datasheet
188Kb / 8P
   40 V, 200 mA Schottky barrier diode
19 July 2022
logo
NXP Semiconductors
BAT854W PHILIPS-BAT854W_15 Datasheet
230Kb / 7P
   Schottky barrier (double) diodes
2001 Feb 27
More results

Descripción similar - BAT854W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com