Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC3977A Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza 2SC3977A
Descripción Electrónicos  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3977A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC3977A Datasheet HTML 1Page - Panasonic Semiconductor 2SC3977A Datasheet HTML 2Page - Panasonic Semiconductor 2SC3977A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SC3977, 2SC3977A
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
Cob —VCB
ton, tstg, tf — IC
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
40
30
10
20
(1)
(3)
(4)
(2)
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
(4) Without heat sink
(P
C=2W)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
T
C=25˚C
350mA
300mA
250mA
200mA
150mA
100mA
80mA
60mA
40mA
20mA
I
B=400mA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=5
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.1
100
10
1
0.3
3
30
I
C/IB=5
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
1000
100
10
3
30
300
V
CE=5V
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.001
0.01
0.1
1
0.003
0.03
0.3
0.1
100
10
1
0.3
3
30
V
CE=10V
f=1MHz
T
C=25˚C
Collector current I
C
(A)
1
3
10
30
100
1
1000
100
10
3
30
300
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
0
0.8
0.2
0.6
0.4
0.01
0.03
0.1
0.3
1
3
10
30
100
t
stg
t
f
t
on
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=5
(2I
B1=–IB2)
V
CC=200V
T
C=25˚C
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
Non repetitive pulse
T
C=25˚C
t=10ms
0.3s
Collector to emitter voltage V
CE
(V)


Número de pieza similar - 2SC3977A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SC3970 PANASONIC-2SC3970 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
logo
Savantic, Inc.
2SC3970 SAVANTIC-2SC3970 Datasheet
134Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3970 JMNIC-2SC3970 Datasheet
186Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3970 ISC-2SC3970 Datasheet
157Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3970 SAVANTIC-2SC3970 Datasheet
136Kb / 4P
   Silicon NPN Power Transistors
More results

Descripción similar - 2SC3977A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SC5034 PANASONIC-2SC5034 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5457 PANASONIC-2SC5457 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3795 PANASONIC-2SC3795 Datasheet
63Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3970 PANASONIC-2SC3970 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3973 PANASONIC-2SC3973 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3975 PANASONIC-2SC3975 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4152 PANASONIC-2SC4152 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4985 PANASONIC-2SC4985 Datasheet
40Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5063 PANASONIC-2SC5063 Datasheet
62Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5393 PANASONIC-2SC5393 Datasheet
34Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3743 PANASONIC-2SC3743 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com