Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDB7620-000 Datasheet(PDF) 2 Page - Alpha Industries

No. de pieza CDB7620-000
Descripción Electrónicos  Silicon Schottky Diode Chips
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALPHA [Alpha Industries]
Página de inicio  http://www.alphaind.com
Logo ALPHA - Alpha Industries

CDB7620-000 Datasheet(HTML) 2 Page - Alpha Industries

  CDB7620-000 Datasheet HTML 1Page - Alpha Industries CDB7620-000 Datasheet HTML 2Page - Alpha Industries CDB7620-000 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Schottky Diode Chips
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 8/01A
SPICE Model Parameters
Parameter
CDB7619
CDB7620
CDF7621
CDF7623
CDC7630
CDC7631
Units
IS
3.70E-08
5.40E-08
4.0E-08
1.1E-07
5.0E-06
3.8E-06
A
RS
9
14
12
6
20
51
N
1.05
1.12
1.05
1.04
1.05
1.05
TT
1E-11
1E-11
1E-11
1E-11
1E-11
1E-11
S
CJ0
0.08
0.15
0.10
0.22
0.14
0.08
pF
M
0.35
0.35
0.35
0.32
0.40
0.4
EG
0.69
0.69
0.69
0.69
0.69
0.69
eV
XTI
2.0
2.0
2.0
2.0
2.0
2.0
FC
0.5
0.5
0.5
0.5
0.5
0.5
BV
2.0
4.0
3.0
2.0
2.0
2.0
V
IBV
1.00E-05
1.00E-05
1.0E-05
1.0E-05
1.0E-04
1.0E-04
A
VJ
0.495
0.495
0.495
0.495
0.340
0.340
V
0.1
1
10
100
1000
10000
-40
-30
-20
-10
0
10
Input Power (dBm)
25
50
100
200
500
Typical Performance Data
100
1000
10000
100000
1
10
100
Forward Bias (
µA)
ZBD
Low Barrier
RF SOURCE
IMPEDANCE
DETECTOR
VOLTAGE
VIDEO LOAD
IMPEDANCE
RFC
PInput
Zero Biased Detector
RF SOURCE
IMPEDANCE
DETECTOR
VOLTAGE
VIDEO LOAD
IMPEDANCE
RFC
PInput
Biased Detector
0.001
0.01
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
Forward Current (mA)
-30 dBm
-20 dBm
-10dBm
0 dBm
+10 dBm
Figure 1. Detected Voltage vs. Input
Power and RF Source Impedance
Figure 3. Detected Voltage vs. Forward Current
Figure 2. Video Resistance vs. Forward Bias Current


Número de pieza similar - CDB7620-000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
CDB7620-000 SKYWORKS-CDB7620-000 Datasheet
107Kb / 4P
   Silicon Schottky Diode Chips
More results

Descripción similar - CDB7620-000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
CDC7630-000 SKYWORKS-CDC7630-000 Datasheet
107Kb / 4P
   Silicon Schottky Diode Chips
logo
Silan Microelectronics ...
2SB075040AMLJL SILAN-2SB075040AMLJL Datasheet
55Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB082020MAJL SILAN-2SB082020MAJL Datasheet
25Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB139040ML SILAN-2SB139040ML Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB124060ML SILAN-2SB124060ML Datasheet
17Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Jinan Jingheng (Group) ...
SR620 JINANJINGHENG-SR620 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Silan Microelectronics ...
2SB075030MLJL SILAN-2SB075030MLJL Datasheet
74Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB075040ML SILAN-2SB075040ML Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Jinan Jingheng (Group) ...
SR0620 JINANJINGHENG-SR0620 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
SR1020 JINANJINGHENG-SR1020 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com