Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH315FN106JK Datasheet(PDF) 9 Page - Rohm

No. de pieza MCH315FN106JK
Descripción Electrónicos  Multi-layer ceramic chip capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

MCH315FN106JK Datasheet(HTML) 9 Page - Rohm

Back Button MCH315FN106JK Datasheet HTML 3Page - Rohm MCH315FN106JK Datasheet HTML 4Page - Rohm MCH315FN106JK Datasheet HTML 5Page - Rohm MCH315FN106JK Datasheet HTML 6Page - Rohm MCH315FN106JK Datasheet HTML 7Page - Rohm MCH315FN106JK Datasheet HTML 8Page - Rohm MCH315FN106JK Datasheet HTML 9Page - Rohm MCH315FN106JK Datasheet HTML 10Page - Rohm MCH315FN106JK Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MCH31
Ceramic capacitors
9/10
Label expression
The Figure below is label expression
< Label Example > Part Number : MCH315A103JK
Part Num ber
Division cord
Quantity
Lot No.
The Country of origin
Inspector
QR code
Tradem ark
Packing method
1)
φ180mm Reel
(R-26)
(interior box of R-26)
C
B
A
A'
B'
C'
1
2
[width of 9mm : 5reel]
EIAJ cole
Labe l
(reel)
Packing slip


Número de pieza similar - MCH315FN106JK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH3105 SANYO-MCH3105 Datasheet
36Kb / 5P
   High-Current Switching Applications
logo
ON Semiconductor
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3105-TL-E ONSEMI-MCH3105-TL-E Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
logo
Sanyo Semicon Device
MCH3106 SANYO-MCH3106 Datasheet
29Kb / 4P
   DC / DC Converter Applications
MCH3106 SANYO-MCH3106 Datasheet
37Kb / 4P
   DC / DC Converter Applications
More results

Descripción similar - MCH315FN106JK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com