Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH553FN107KP Datasheet(PDF) 2 Page - Rohm

No. de pieza MCH553FN107KP
Descripción Electrónicos  Multi-layer ceramic chip capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

MCH553FN107KP Datasheet(HTML) 2 Page - Rohm

  MCH553FN107KP Datasheet HTML 1Page - Rohm MCH553FN107KP Datasheet HTML 2Page - Rohm MCH553FN107KP Datasheet HTML 3Page - Rohm MCH553FN107KP Datasheet HTML 4Page - Rohm MCH553FN107KP Datasheet HTML 5Page - Rohm MCH553FN107KP Datasheet HTML 6Page - Rohm MCH553FN107KP Datasheet HTML 7Page - Rohm MCH553FN107KP Datasheet HTML 8Page - Rohm MCH553FN107KP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MCH55
Ceramic capacitors
2/9
Product designation
Rated voltage
Part No.
Code
Packing Style
Reel (
φ180mm) : compatible with EIAJ ET-7200A
Voltage
Capacitance tolerance
Code
Tolerance
Nominal
capacitance
3-digit
designation
according
to IEC
Temperature characteristic code
: Refer to quick reference table.
MC H
5
8
4
3
2
5
1
53
F
0 7
Code
P
P
P
Product thickness
2.0mm
2.3mm
2.5mm
Packing specification
Plustic tape (width 8mm, pitch 4mm)
Plustic tape (width 8mm, pitch 4mm)
Plustic tape (width 8mm, pitch 4mm)
Reel
φ180mm (7in.)
φ180mm (7in.)
φ180mm (7in.)
Basic ordering unit (pcs.)
500
500
500
ZP
6.3V
10V
16V
25V
50V
N
±10%
±20%
+80%, −20%
K
M
Z
Performance and test method
Items
Performance
Appearance and
dimensions
No marked defects shall be allowed
for appearance.
Dimensions shall be as specified the
clause 4.
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.4 of JIS C 5101-1.
As per 4.5 of JIS C 5101-10
Using a Magnifier.
As per 4.5 of JIS C 5101-1.
As per 4.6.3 of JIS C 5101-10
Measurements shall be made after
60
+/−5s period of the rated voltage
applied.
As per 4.6 of JIS C 5101-1.
As per 4.6.4 of JIS C 5101-10
Voltage shall be applied as per Table1.
As per 4.7 of JIS C 5101-1.
As per 4.6.1 of JIS C 5101-10
Measurements shall be made under the
conditions specified in Table 2.
No.
1
Withstanding voltage
No dielectrical breakdown or other
damage shall be allowed.
Capacitance shall be
within specified tolerance range.
2
Insulation resistance
3
Capacitance
4
Table 1
Charac-
teristic
Voltage
250% Rated voltage
CN
FN
Table 2
Voltage shall be applied for 1 to 5s with
50mA charging and discharging current.
Not less than 10000M
Ω or
100M
Ω µF, whichever is less.
Charac-
teristic
CN
FN
<
− 10µF
> 10
µF
1
+/−0.1kHz
1
+/−0.2Vrms.
120
+/−24Hz
0.5
+/−0.2Vrms.
Frequency
Voltage
Dielectric loss tangent
As per 4.8 of
JIS C 5101-1.
As per 4.6.2 of
JIS C 5101-10
Measurements shall be made under the
conditions specified in Table 2.
5
C N
F N
tan
δ 7.5%
<
<
Rated voltage=16V
tan
δ 10.0%


Número de pieza similar - MCH553FN107KP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH5541 SANYO-MCH5541 Datasheet
68Kb / 5P
   MCH5541
logo
ON Semiconductor
MCH5541 ONSEMI-MCH5541 Datasheet
84Kb / 6P
   PNP/NPN Bipolar Transistor (-)30V, (-)700mA, VCE(sat) ; (-220)190mV (max)
August 2014 - Rev. 0
MCH5541-TL-E ONSEMI-MCH5541-TL-E Datasheet
84Kb / 6P
   PNP/NPN Bipolar Transistor (-)30V, (-)700mA, VCE(sat) ; (-220)190mV (max)
August 2014 - Rev. 0
More results

Descripción similar - MCH553FN107KP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com