Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH314FN106ZP Datasheet(PDF) 5 Page - Rohm

No. de pieza MCH314FN106ZP
Descripción Electrónicos  Multi-layer ceramic chip capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

MCH314FN106ZP Datasheet(HTML) 5 Page - Rohm

  MCH314FN106ZP Datasheet HTML 1Page - Rohm MCH314FN106ZP Datasheet HTML 2Page - Rohm MCH314FN106ZP Datasheet HTML 3Page - Rohm MCH314FN106ZP Datasheet HTML 4Page - Rohm MCH314FN106ZP Datasheet HTML 5Page - Rohm MCH314FN106ZP Datasheet HTML 6Page - Rohm MCH314FN106ZP Datasheet HTML 7Page - Rohm MCH314FN106ZP Datasheet HTML 8Page - Rohm MCH314FN106ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MCH31
Ceramic capacitors
5/10
Items
Performance
Vibration
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.17 of
JIS C 5101-1.
The specimens shall be soldered on the
specified test jig.
Initial measurements shall be made after
the thermal pre-conditioning specified in
Remarks(1).
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
[Condition]
Directions : 2h each X, Y and Z directions
Total : 6h
Frequency range : 10 to 55 to 10Hz(1min)
Applitude : 1.5mm
(shall not exceed acceleration196m/s2)
As per 4.16 of JIS C 5101-1
As per 4.12 of JIS C 5101-10
The specimens shall be soldered on the test
jig shown in Remarks.
Temperature cycle : 100cycles Initial
measurements prior to test shall be
performed after the thermal
per-conditioning specified in Remarks (1).
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
No.
11
Temperature
cycling
12
Dielectric
loss
tangent
A, A N
C N
C N
Rated vcoltage
25V,16V,10V
Rated vcoltage
6.3V
F N
F N
Capacitance shall be
within specified
tolerance range.
Within
+/−7.5%
Within
+/−7.5%
Within
+/−15%
Within
+/−20%
Within
+/−20%
Within
+/−2.5%
Appearance
Dielectric
loss
tangent
Within specified initial value.
Change
rate from
initial value
A, A N
Change
rate from
initial value
Without mechanical damage.
Without mechanical damage.
Appearance
Within specified initial value.
Insulation
resistance
Within specified initial value.
Withstanding
voltage
No defects shall be allowed.
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN
30
+/−3
30
+/−3
Test condition
Step
1
2
3
4
Temp. (
°C)
Time (min)
Min operating temp.
Room temp.
Room temp.
Max operating temp.
3
<−
3
<−
As per 4.35 of JIS C 5101-1.
As per 4.9 of JIS C 5101-10
Glass epoxy board with soldered
specimens shall be bent till 1mm by
1.0mm/s.
Bending
strength
10
Appearance
Without mechanical damage.


Número de pieza similar - MCH314FN106ZP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH3143 SANYO-MCH3143 Datasheet
44Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3144 SANYO-MCH3144 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3144 SANYO-MCH3144 Datasheet
63Kb / 4P
   DC / DC Converter Applications
logo
ON Semiconductor
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3144-TL-E ONSEMI-MCH3144-TL-E Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
More results

Descripción similar - MCH314FN106ZP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com