Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD9G500EFJ-LA Datasheet(PDF) 37 Page - Rohm

No. de pieza BD9G500EFJ-LA
Descripción Electrónicos  7 V to 76 V Input, 5 A Integrated High ?밪ide MOSFET, Single Buck DC/DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD9G500EFJ-LA Datasheet(HTML) 37 Page - Rohm

Back Button BD9G500EFJ-LA Datasheet HTML 31Page - Rohm BD9G500EFJ-LA Datasheet HTML 32Page - Rohm BD9G500EFJ-LA Datasheet HTML 33Page - Rohm BD9G500EFJ-LA Datasheet HTML 34Page - Rohm BD9G500EFJ-LA Datasheet HTML 35Page - Rohm BD9G500EFJ-LA Datasheet HTML 36Page - Rohm BD9G500EFJ-LA Datasheet HTML 37Page - Rohm BD9G500EFJ-LA Datasheet HTML 38Page - Rohm BD9G500EFJ-LA Datasheet HTML 39Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Notice-PAA-E
Rev.004
© 2015 ROHM Co., Ltd. All rights reserved.
Notice
Precaution on using ROHM Products
1.
If you intend to use our Products in devices requiring extremely high reliability (such as medical equipment (Note 1),
aircraft/spacecraft, nuclear power controllers, etc.) and whose malfunction or failure may cause loss of human life,
bodily injury or serious damage to property (
“Specific Applications”), please consult with the ROHM sales
representative in advance. Unless otherwise agreed in writing by ROHM in advance, ROHM shall not be in any way
responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of any
ROHM
’s Products for Specific Applications.
(Note1) Medical Equipment Classification of the Specific Applications
JAPAN
USA
EU
CHINA
CLASSⅢ
CLASSⅢ
CLASSⅡb
CLASSⅢ
CLASSⅣ
CLASSⅢ
2.
ROHM designs and manufactures its Products subject to strict quality control system. However, semiconductor
products can fail or malfunction at a certain rate. Please be sure to implement, at your own responsibilities, adequate
safety measures including but not limited to fail-safe design against the physical injury, damage to any property, which
a failure or malfunction of our Products may cause. The following are examples of safety measures:
[a] Installation of protection circuits or other protective devices to improve system safety
[b] Installation of redundant circuits to reduce the impact of single or multiple circuit failure
3.
Our Products are not designed under any special or extraordinary environments or conditions, as exemplified below.
Accordingly, ROHM shall not be in any way responsible or liable for any damages, expenses or losses arising from the
use of any ROHM’s Products under any special or extraordinary environments or conditions. If you intend to use our
Products under any special or extraordinary environments or conditions (as exemplified below), your independent
verification and confirmation of product performance, reliability, etc, prior to use, must be necessary:
[a] Use of our Products in any types of liquid, including water, oils, chemicals, and organic solvents
[b] Use of our Products outdoors or in places where the Products are exposed to direct sunlight or dust
[c] Use of our Products in places where the Products are exposed to sea wind or corrosive gases, including Cl2,
H2S, NH3, SO2, and NO2
[d] Use of our Products in places where the Products are exposed to static electricity or electromagnetic waves
[e] Use of our Products in proximity to heat-producing components, plastic cords, or other flammable items
[f] Sealing or coating our Products with resin or other coating materials
[g] Use of our Products without cleaning residue of flux (Exclude cases where no-clean type fluxes is used.
However, recommend sufficiently about the residue.); or Washing our Products by using water or water-soluble
cleaning agents for cleaning residue after soldering
[h] Use of the Products in places subject to dew condensation
4.
The Products are not subject to radiation-proof design.
5.
Please verify and confirm characteristics of the final or mounted products in using the Products.
6.
In particular, if a transient load (a large amount of load applied in a short period of time, such as pulse
, is applied,
confirmation of performance characteristics after on-board mounting is strongly recommended. Avoid applying power
exceeding normal rated power; exceeding the power rating under steady-state loading condition may negatively affect
product performance and reliability.
7.
De-rate Power Dissipation depending on ambient temperature. When used in sealed area, confirm that it is the use in
the range that does not exceed the maximum junction temperature.
8.
Confirm that operation temperature is within the specified range described in the product specification.
9.
ROHM shall not be in any way responsible or liable for failure induced under deviant condition from what is defined in
this document.
Precaution for Mounting / Circuit board design
1.
When a highly active halogenous (chlorine, bromine, etc.) flux is used, the residue of flux may negatively affect product
performance and reliability.
2.
In principle, the reflow soldering method must be used on a surface-mount products, the flow soldering method must
be used on a through hole mount products. If the flow soldering method is preferred on a surface-mount products,
please consult with the ROHM representative in advance.
For details, please refer to ROHM Mounting specification


Número de pieza similar - BD9G500EFJ-LA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD9G500EFJ-LA ROHM-BD9G500EFJ-LA Datasheet
2Mb / 39P
   7 V to 76 V Input, 5 A Integrated High–Side MOSFET, Single Buck DC/DC Converter
20.May.2022 Rev.002
BD9G500EFJ-LAE2 ROHM-BD9G500EFJ-LAE2 Datasheet
2Mb / 39P
   7 V to 76 V Input, 5 A Integrated High–Side MOSFET, Single Buck DC/DC Converter
20.May.2022 Rev.002
BD9G500EFJ-LA ROHM-BD9G500EFJ-LA_V01 Datasheet
2Mb / 39P
   7 V to 76 V Input, 5 A Integrated High–Side MOSFET, Single Buck DC/DC Converter
20.May.2022 Rev.002
More results

Descripción similar - BD9G500EFJ-LA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD9G500EFJ-LA ROHM-BD9G500EFJ-LA_V01 Datasheet
2Mb / 39P
   7 V to 76 V Input, 5 A Integrated High–Side MOSFET, Single Buck DC/DC Converter
20.May.2022 Rev.002
BD9F500QUZ ROHM-BD9F500QUZ Datasheet
3Mb / 58P
   4.5 V to 36 V Input, 5 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
02.Apr.2020 Rev.001
BD9B406NF-Z ROHM-BD9B406NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 4.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9E201FP4-Z ROHM-BD9E201FP4-Z Datasheet
1Mb / 40P
   4.5 V to 28 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
BD9E104FJ ROHM-BD9E104FJ Datasheet
2Mb / 33P
   7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
11.Dec.2017 Rev.001
BD9E200FP4-Z ROHM-BD9E200FP4-Z Datasheet
1Mb / 38P
   4.5 V to 26 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
BD9D300MUV ROHM-BD9D300MUV Datasheet
1Mb / 42P
   4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
BD9B206NF-Z ROHM-BD9B206NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9B306NF-Z ROHM-BD9B306NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Mar.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com