Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD9P105MUF-CE2 Datasheet(PDF) 52 Page - Rohm

No. de pieza BD9P105MUF-CE2
Descripción Electrónicos  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD9P105MUF-CE2 Datasheet(HTML) 52 Page - Rohm

Back Button BD9P105MUF-CE2 Datasheet HTML 48Page - Rohm BD9P105MUF-CE2 Datasheet HTML 49Page - Rohm BD9P105MUF-CE2 Datasheet HTML 50Page - Rohm BD9P105MUF-CE2 Datasheet HTML 51Page - Rohm BD9P105MUF-CE2 Datasheet HTML 52Page - Rohm BD9P105MUF-CE2 Datasheet HTML 53Page - Rohm BD9P105MUF-CE2 Datasheet HTML 54Page - Rohm BD9P105MUF-CE2 Datasheet HTML 55Page - Rohm BD9P105MUF-CE2 Datasheet HTML 56Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
52/57
© 2019 ROHM Co., Ltd. All rights reserved.
28.Apr.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9P1x5MUF-C Series
TSZ02201-0J1J0AL01500-1-2
I/O Equivalence Circuits - continued
14. VOUT_SNS, 15. FB (BD9P105MUF-C)
15. VOUT_SNS (BD9P155MUF-C)
VOUT_SNS
GND
FB
GND
10 kΩ
VREG
VOUT_SNS
GND
10 kΩ
VREG
21 M
Ω
4 M
Ω
GND
15. VOUT_SNS (BD9P135MUF-C)
16. VCC_EX, 17. VREG
VOUT_SNS
GND
10 kΩ
VREG
12.5 M
Ω
4 M
Ω
GND
VREG
VIN
VCC_EX
GND
GND
GND
15 MΩ
*Resistance value is Typ.


Número de pieza similar - BD9P105MUF-CE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

Descripción similar - BD9P105MUF-CE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD9P1X5EFV-C ROHM-BD9P1X5EFV-C Datasheet
3Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com