Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD18326NUF-M Datasheet(PDF) 12 Page - Rohm

No. de pieza BD18326NUF-M
Descripción Electrónicos  40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD18326NUF-M Datasheet(HTML) 12 Page - Rohm

Back Button BD18326NUF-M Datasheet HTML 8Page - Rohm BD18326NUF-M Datasheet HTML 9Page - Rohm BD18326NUF-M Datasheet HTML 10Page - Rohm BD18326NUF-M Datasheet HTML 11Page - Rohm BD18326NUF-M Datasheet HTML 12Page - Rohm BD18326NUF-M Datasheet HTML 13Page - Rohm BD18326NUF-M Datasheet HTML 14Page - Rohm BD18326NUF-M Datasheet HTML 15Page - Rohm BD18326NUF-M Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12/36
© 2020 ROHM Co., Ltd. All rights reserved.
BD18326NUF-M
28.Sep.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
TSZ02201-0T1T0B300340-1-2
8. Caution of Using LED Open Detection and Output Short Circuit Protection – continued
8.3
Evaluation Example of PWM Dimming IOUT Pulse Width
Evaluation condition: VIN = 13 V, Tj = 25 °C, 3 White LEDs in series, PWM ON Duty = 3.2 %, Pulse width = 0.105
ms, PWM Frequency = 300 Hz
COUT = 0.10 μF
COUT = 0.47 μF
IOUT = 600 mA
IOUT = 100 mA
IOUT = 240 mA
IOUT = 400 mA
VCRT
1.0 V / div
LED Anode
2.0 V / div
IOUT
200 mA / div
VCRT
1.0 V / div
LED Anode
2.0 V / div
IOUT
200 mA / div
VCRT
1.0 V / div
LED Anode
2.0 V / div
IOUT
200 mA / div
VCRT
1.0 V / div
LED Anode
2.0 V / div
IOUT
200 mA / div
VCRT
1.0 V / div
LED Anode
2.0 V / div
IOUT
200 mA / div
VCRT
1.0 V / div
LED Anode
2.0 V / div
IOUT
200 mA / div
VCRT
1.0 V / div
LED Anode
2.0 V / div
IOUT
200 mA / div
VCRT
1.0 V / div
LED Anode
2.0 V / div
IOUT
200 mA / div
50 μs / div
50 μs / div
50 μs / div
50 μs / div
50 μs / div
50 μs / div
50 μs / div
50 μs / div


Número de pieza similar - BD18326NUF-M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BD183 ETC1-BD183 Datasheet
144Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Comset Semiconductor
BD183 COMSET-BD183 Datasheet
150Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD183 COMSET-BD183 Datasheet
78Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Rohm
BD18332EUV-M ROHM-BD18332EUV-M Datasheet
5Mb / 98P
   24CH Linear LED Driver Embedded Automotive Lamps LED Driver
14.Oct.2022 Rev.001
BD18332EUV-ME2 ROHM-BD18332EUV-ME2 Datasheet
5Mb / 98P
   24CH Linear LED Driver Embedded Automotive Lamps LED Driver
14.Oct.2022 Rev.001
More results

Descripción similar - BD18326NUF-M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
BD18337EFV-M ROHM-BD18337EFV-M Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
BD18340FV-M ROHM-BD18340FV-M Datasheet
1Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
Rohm
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
logo
Sanyo Semicon Device
LV8082LP_0712 SANYO-LV8082LP_0712 Datasheet
104Kb / 6P
   Constant-voltage 1ch Constant-current 1ch H-Bridge
logo
ON Semiconductor
CAT4104V-GT3 ONSEMI-CAT4104V-GT3 Datasheet
254Kb / 14P
   700 mA Quad Channel Constant Current LED Driver
Doc. No. MD-5041 Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com