Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM1800-916MB Datasheet(PDF) 4 Page - RF Monolithics, Inc

No. de pieza DM1800-916MB
Descripción Electrónicos  916.50 MHz Transceiver Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFM [RF Monolithics, Inc]
Página de inicio  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DM1800-916MB Datasheet(HTML) 4 Page - RF Monolithics, Inc

  DM1800-916MB Datasheet HTML 1Page - RF Monolithics, Inc DM1800-916MB Datasheet HTML 2Page - RF Monolithics, Inc DM1800-916MB Datasheet HTML 3Page - RF Monolithics, Inc DM1800-916MB Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
G N D
V I N
V O U T
B I N D
D I G I T A L I N
A N A L O G I N
D I G I T A L O U T
S E R I A L R X
G N D
S E R I A L T X
R F I O
G N D
G N D
D M 1 8 0 0 - 9 1 6 M B I / O P a d L a b e l s
Figure 2
. 0 9 5
. 0 8 0
1 . 5 3 5
D M 1 8 0 0 - 9 1 6 M B S M T M o u n t i n g P a t t e r n
D i m e n s i o n s i n i n c h e s . P C B p l u s c o m p o n e n t h e i g h t i s . 1 7 0 m a x ;
P C B p l u s a n t e n n a h e i g h t i s 1 . 1 5 m a x
Figure 3
Note: Specifications subject to change without notice.
file: dm1800_916bk.vp, 2005.12.07 rev


Número de pieza similar - DM1800-916MB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Monolithics, Inc
DM1800-916MN RFM-DM1800-916MN Datasheet
75Kb / 4P
   916.50 MHz Transceiver Module
DM1800-916MR RFM-DM1800-916MR Datasheet
73Kb / 4P
   916.50 MHz Transceiver Module
More results

Descripción similar - DM1800-916MB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Monolithics, Inc
DM1800-916MN RFM-DM1800-916MN Datasheet
75Kb / 4P
   916.50 MHz Transceiver Module
DR3000-1 RFM-DR3000-1 Datasheet
65Kb / 5P
   916.50 MHz Transceiver Module
DR3300 RFM-DR3300 Datasheet
66Kb / 5P
   916.50 MHz Transceiver Module
DR3000 RFM-DR3000 Datasheet
67Kb / 5P
   916.50 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR5000 MURATA-DR5000 Datasheet
288Kb / 4P
   916.50 MHz Transceiver Module
logo
RF Monolithics, Inc
DM1800-916MR RFM-DM1800-916MR Datasheet
73Kb / 4P
   916.50 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3300 MURATA-DR3300 Datasheet
292Kb / 5P
   916.50 MHz Transceiver Module
DR3000 MURATA-DR3000 Datasheet
294Kb / 5P
   916.50 MHz Transceiver Module
DR8000 MURATA-DR8000 Datasheet
412Kb / 7P
   916.50 MHz Transceiver Module
DR3000-1 MURATA-DR3000-1 Datasheet
267Kb / 5P
   916.50 MHz Transceiver Module
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com