Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD77501G Datasheet(PDF) 10 Page - Rohm

No. de pieza BD77501G
Descripción Electrónicos  High Speed Ground Sense Excellent EMI Characteristics CMOS Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD77501G Datasheet(HTML) 10 Page - Rohm

Back Button BD77501G Datasheet HTML 6Page - Rohm BD77501G Datasheet HTML 7Page - Rohm BD77501G Datasheet HTML 8Page - Rohm BD77501G Datasheet HTML 9Page - Rohm BD77501G Datasheet HTML 10Page - Rohm BD77501G Datasheet HTML 11Page - Rohm BD77501G Datasheet HTML 12Page - Rohm BD77501G Datasheet HTML 13Page - Rohm BD77501G Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10/26
BD77501G BD77502FVM BD77504FV
© 2019 ROHM Co., Ltd. All rights reserved.
30.Oct.2020 Rev.003
www.rohm.com
TSZ22111 • 15 • 001
TSZ02201-0GFG2G500010-1-2
Typical Performance Curves
VSS = 0 V
Figure 1. Supply Current vs Supply Voltage
Figure 2. Supply Current vs Ambient Temperature
Figure 3. Output Voltage High vs Supply Voltage
(RL = 10 kΩ, VOH = VDD-VOUT)
Figure 4. Output Voltage High vs Ambient Temperature
(RL = 10 kΩ, VOH = VDD-VOUT)
VDD = 7.0 V
VDD = 12 V
(Note) The above data are measurement value of typical sample; it is not guaranteed.
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
7
8
9
10
11
12
13
14
15
Supply Voltage: V
DD [V]
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [°C]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [°C]
BD77501G
BD77502FVM
V
DD = 7.0 V
V
DD = 12 V
V
DD = 15 V
BD77504FV
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
7
8
9
10
11
12
13
14
15
Supply Voltage: V
DD [V]
BD77501G
BD77502FVM
BD77504FV
VDD = 15.0 V
VDD = 12.0 V
VDD = 7.0 V
Ta = -40 °C
Ta = +25 °C
Ta = +85 °C
Ta = +25 °C
Ta = +85 °C
Ta = -40 °C


Número de pieza similar - BD77501G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD7755RFV ROHM-BD7755RFV Datasheet
908Kb / 19P
   System Motor Driver IC for Half Height Drive (Sensor less)
BD7755RFV-E2 ROHM-BD7755RFV-E2 Datasheet
1,005Kb / 21P
   System Motor Driver IC for Half Height Drive (Sensor less)
BD7757MWX ROHM-BD7757MWX Datasheet
1Mb / 28P
   1.5A LED Camera Flash Driver Synchronous Rectification Step-Up DC/DC
More results

Descripción similar - BD77501G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
LM2904EYXXX-C ROHM-LM2904EYXXX-C Datasheet
1Mb / 26P
   Automotive Excellent EMI Characteristics Ground Sense Operational Amplifier
29.Jun.2022 Rev.003
BA82904YXXX-C ROHM-BA82904YXXX-C Datasheet
3Mb / 38P
   Automotive Excellent EMI Characteristics Ground Sense Operational Amplifiers
LM2902EYFV-C ROHM-LM2902EYFV-C Datasheet
1Mb / 24P
   Automotive Excellent EMI Immunity Ground Sense Operational Amplifier
22.Jun.2023 Rev.001
BA82903YXXX-C ROHM-BA82903YXXX-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA83472YF-C ROHM-BA83472YF-C Datasheet
2Mb / 29P
   Automotive High Speed Excellent EMI Characteristics Operational Amplifiers
09.Nov.2020 Rev.003
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
LMR342FVJ ROHM-LMR342FVJ Datasheet
510Kb / 22P
   Low Supply Current Ground Sense CMOS Operational Amplifier
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
   Quad Ground Sense Operational Amplifier
logo
Rohm
BA10358 ROHM-BA10358 Datasheet
63Kb / 5P
   Dual ground sense operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com