Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV1248-004 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SMV1248-004
Descripción Electrónicos  Plastic Packaged Surface Mount Varactor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SMV1248-004 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMV1248-004 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMV1248-004 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMV1248-004 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMV1248-004 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMV1248-004 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMV1248-004 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMV1248-004 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2–4
Alpha Industries
• [617] 9355150 • Fax [617] 8244579 • E-mail sales@alphaind.com • Visit our web site: www.alphaind.com
Electrical Characteristics (TA = 25°C)
High Ratio Hyperabrupt Junction Varactors for Battery Operated Applications
Breakdown Voltage, VB (10 µA):
15V Min.
Reverse Current, IR (12V):
50 nA Max.
CT
@ 0.3V
CT
@ 4.7V
CT @ 0.3V
CT @4 7V
RS
@ 3V
200 MHz
@ 0.3V
(pF)
@ 4.7V
(pF)
CT @ 4.7V
(Ratio)
00
(
W)
SOD–323
SOT–23
SOT–143
Min.
Typ.
Max.
Typ.
Min.
Typ.
Max.
Single
Single
Common
Anode
Common
Cathode
Low
Inductance
Unconnected
Pair
6.5
7.0
.78
.7
9.5
10.0
2.0
SMV1247–011
SMV1247–001
SMV1247–004
15
17
1.7
1.5
10.8
16.5
1.8
SMV1248–011
SMV1248–001
SMV1248–004
28
31
2.8
2.6
11.0
12.1
1.5
SMV1249–011
SMV1249–001
SMV1249–003
SMV1249–004
33
36
3.3
3.0
11.0
12.2
1.5
SMV1250–011
SMV1250–001
SMV1250–004
38
42
3.8
3.4
11.0
12.2
1.3
SMV1251–011
SMV1251–001
SMV1251–004
48
53
4.8
4.3
11.0
12.3
1.2
SMV1253–011
SMV1253–001
SMV1253–004
58
64
5.8
5.2
11.0
12.3
1.0
SMV1255–011
SMV1255–001
SMV1255–003
SMV1255–004
12 Volt Hyperabrupt Junction Varactors
Reverse Breakdown Voltage, VB (10 µA):
12V Min.
Reverse Current, IR (8V):
50 nA Max.
CT
@1V
CT
@ 2.5V
CT
@4V
Q
@ 4V
@ 1V
(pF)
@ 2.5V
(pF)
@ 4V
(pF)
@ 4V
50 MHz
SOD–323
SOT–23
SOT–143
Min.
Typ.
Min.
Max.
Typ.
Max.
Min.
Single
Single
Common
Anode
Common
Cathode
Low
Inductance
Unconnected
Pair
95
100
40
65
20
25
80
SMV1211–001
42
50
18
27
9.0
12
150
SMV1212–001
SMV1212–004
17
22
8.5
10.5
4.0
5.5
200
SMV1213–011
SMV1213–001
SMV1213–004
14.5
16
6.5
7.8
3.0
4.8
300
SMV1214–001
SMV1214–003
8.7
9.5
4.3
5.5
2.0
2.9
350
SMV1215–011
SMV1215–001
85
15.0
30.0
500
*
SMV1297–001
*Q @ 2V, F=1 MHz
Breakdown Voltage, VB (10 µA):
12V Min.
Reverse Current, IR (10V):
50 nA Max.
CT
@ 0.2V
CT
@ 2V
CT
@ 6V
Q
@2V
@ 0.2V
(pF)
@ 2V
(pF)
@ 6V
(pF)
@ 2V
50 MHz
SOD–323
SOT–23
SOT–143
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Single
Single
Common
Anode
Common
Cathode
Low
Inductance
Unconnected
Pair
11
14
4
6.5
1.2
1.9
250
SMV1299–011
SMV1299–001
SMV1299–004
SMV1299–015
" All plastic packaged varactors are available through distribution.
Plastic Packaged Surface Mount Varactor Diodes


Número de pieza similar - SMV1248-004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1248-004 SKYWORKS-SMV1248-004 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
More results

Descripción similar - SMV1248-004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
SMV1100 ALPHA-SMV1100 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Microsemi Corporation
GMV1000 MICROSEMI-GMV1000 Datasheet
158Kb / 3P
   Surface Mount Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
Microsemi Corporation
MPV1965 MICROSEMI-MPV1965_09 Datasheet
103Kb / 2P
   VARACTOR DIODES Surface Mount MMSM Varactors
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com