Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV1253-001 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza SMV1253-001
Descripción Electrónicos  Plastic Packaged Surface Mount Varactor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SMV1253-001 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMV1253-001 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMV1253-001 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMV1253-001 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMV1253-001 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMV1253-001 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMV1253-001 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMV1253-001 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2
2–7
Alpha Industries
• [617] 9355150 • Fax [617] 8244579 • E-mail sales@alphaind.com • Visit our web site: www.alphaind.com
30 Volt Abrupt Junction Varactors
Reverse Breakdown Voltage, VBR (10 µA):
30V Min.
Reverse Current, IR (24V):
50nA Max.
CT
@4V
CT0
CT30
RS
@ 4V
50 MHz
Q
@4V
@ 4V
(pF)
CT30
(Ratio)
50 MHz
(
W)
@ 4V
50 MHz
SOD–323
SOT–23
SOT–143
Min.
Max.
Min.
Max.
Min.
Single
Single
Common
Anode
Common
Cathode
Low
Inductance
Unconnected
Pair
1.21
1.45
4.1
0.8
3200
SMV1405–001
SMV1405–004
1.75
2.11
4.1
0.60
2900
SMV1408–011
SMV1408–001
SMV1408–004
2.11
2.55
4.1
0.50
2800
SMV1409–001
SMV1409–004
2.56
3.10
4.2
0.45
2600
SMV1410–001
SMV1410–004
3.10
3.76
4.2
0.40
2500
SMV1411–001
SMV1411–004
3.64
4.42
4.2
0.35
2400
SMV1413–001
SMV1413–004
4.36
5.30
4.2
0.30
2200
SMV1414–001
SMV1414–004
5.17
6.29
4.3
0.27
2100
SMV1415–001
SMV1415–004
6.25
7.61
4.3
0.24
2000
SMV1416–001
SMV1416–004
7.51
9.15
4.3
0.22
1800
SMV1417–001
SMV1417–004
9.13
11.13
4.4
0.20
1600
SMV1419–001
10.93
13.33
4.4
0.19
1400
SMV1420–001
13.63
16.63
4.4
0.18
1200
SMV1421–001
16.33
19.93
4.4
0.18
1000
SMV1422–001
29.83
36.43
4.5
0.16
600
SMV1426–001
" All plastic packaged varactors are available through distribution.
1. Capitance measured at 1 MHz.
2. For multiple junction packages specifications apply to single junction.
Unpackaged chips are available for purchase by
replacing the dash number with –000. For example,
to purchase the chip from the SMV1408–001, the part
number becomes SMV1408–000. The package
capacitance of 0.13 pF should be subtracted from the
CT specifications to indicate junction capacitance.
" Chips available through distribution:
SMV1212–000
SMV1213–000
SMV1214–000
SMV1233–000
SMV1236–000
Plastic Packaged Surface Mount Varactor Diodes


Número de pieza similar - SMV1253-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
SMV1253-004 ALPHA-SMV1253-004 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1253-004 SKYWORKS-SMV1253-004 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1253-004 SKYWORKS-SMV1253-004 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
SMV1253-004LF SKYWORKS-SMV1253-004LF Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results

Descripción similar - SMV1253-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
SMV1100 ALPHA-SMV1100 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Microsemi Corporation
GMV1000 MICROSEMI-GMV1000 Datasheet
158Kb / 3P
   Surface Mount Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
Microsemi Corporation
MPV1965 MICROSEMI-MPV1965_09 Datasheet
103Kb / 2P
   VARACTOR DIODES Surface Mount MMSM Varactors
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com