Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUS-61569-150 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza BUS-61569-150
Descripción Electrónicos  MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

BUS-61569-150 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BUS-61569-150 Datasheet HTML 1Page - List of Unclassifed Manufacturers BUS-61569-150 Datasheet HTML 2Page - List of Unclassifed Manufacturers BUS-61569-150 Datasheet HTML 3Page - List of Unclassifed Manufacturers BUS-61569-150 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
The information in this data sheet is believed to be accurate; however, no responsibility is
assumed by Data Device Corporation for its use, and no license or rights are
granted by implication or otherwise in connection therewith.
Specifications are subject to change without notice.
105 Wilbur Place, Bohemia, New York 11716-2482
For Technical Support - 1-800-DDC-5757 ext. 7257 or 7381
Headquarters - Tel: (631) 567-5600 ext. 7257 or 7381, Fax: (631) 567-7358
Southeast - Tel: (703) 450-7900, Fax: (703) 450-6610
West Coast - Tel: (714) 895-9777, Fax: (714) 895-4988
Europe - Tel: +44-(0)1635-811140, Fax: +44-(0)1635-32264
Asia/Pacific - Tel: +81-(0)3-3814-7688, Fax: +81-(0)3-3814-7689
World Wide Web - http://www.ddc-web.com
ILC DATA DEVICE CORPORATION
REGISTERED TO ISO 9001
FILE NO. A5976
K-ABR
PRINTED IN THE U.S.A.


Número de pieza similar - BUS-61569-150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FCI connector
BUS-12-087 FCI-CONNECTOR-BUS-12-087 Datasheet
305Kb / 21P
   Ribcage??II Printed Wiring Board Connector System
BUS-12-114 FCI-CONNECTOR-BUS-12-114 Datasheet
130Kb / 8P
   Duplex Plated Bergstik짰 II Headers
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
BUS-8555 ETC1-BUS-8555 Datasheet
161Kb / 2P
   DATA BUS RECEIVER
BUS-8555-883B ETC1-BUS-8555-883B Datasheet
161Kb / 2P
   DATA BUS RECEIVER
More results

Descripción similar - BUS-61569-150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aeroflex Circuit Techno...
CT2553 AEROFLEX-CT2553 Datasheet
352Kb / 36P
   CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
Holt Integrated Circuit...
HI-2130 HOLTIC-HI-2130 Datasheet
1,000Kb / 7P
   Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
HI-6110 HOLTIC-HI-6110 Datasheet
512Kb / 36P
   MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
logo
Aeroflex Circuit Techno...
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT25421111 AEROFLEX-CT25421111 Datasheet
315Kb / 17P
   CT 2542 / CT2543 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com