Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BUS-61571-450S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de Pieza. BUS-61571-450S
Descripción  MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer)
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

BUS-61571-450S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ORDERING INFORMATION
BUS-615XX- XX0X*
Supplemental Process Requirements:
S = Pre-Cap Source Inspection
L = Pull Test
Q = Pull Test and Pre-Cap Inspection
K = One Lot Date Code
W = One Lot Date Code and PreCap Source
Y = One Lot Date Code and 100% Pull Test
Z = One Lot Date Code, PreCap Source and 100% Pull Test
Blank = None of the Above
Process Requirements:
0 = Standard DDC Processing, no Burn-In (See page xiii.)
1 = MIL-PRF-38534 Compliant
2 = B**
3 = MIL-PRF-38534 Compliant with PIND Testing
4 = MIL-PRF-38534 Compliant with Solder Dip
5 = MIL-PRF-38534 Compliant with PIND Testing and Solder Dip
6 = B** with PIND Testing
7 = B** with Solder Dip
8 = B** with PIND Testing and Solder Dip
9 = Standard DDC Processing with Solder Dip, no Burn-In (See page xiii.)
Temperature Grade/Data Requirements:
1 = -55°C to +125°C
2 = -40°C to +85°C
3 = 0°C to +70°C
4 = -55°C to +125°C with Variables Test Data
5 = -40°C to +85°C with Variables Test Data
8 = 0°C to +70°C with Variables Test Data
Power Supply and Packaging
59 = +5 V/-15 V DDIP
60 = +5 V/-12 V DIP
69 = +5 V/-15 V Flat Pack
70 = +5 V/-12 V Flat Pack
71 = +5 V Flat Pack
*-601 version also available = MIL-STD-1760 compatible with fully compliant
MIL-PRF-38534 Processing Available


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn