Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1249 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza 2SD1249
Descripción Electrónicos  Silicon NPN triple diffusion planar type(For low-freauency power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1249 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1249 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1249 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SD1249, 2SD1249A
PC —Ta
IC —VCE
IC —VBE
VCE(sat) —IC
hFE —IC
fT —IC
Area of safe operation (ASO)
Rth(t) —t
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 50
× 50 × 2mm
Al heat sink
(3) Without heat sink
(P
C=1.3W)
(1)
(2)
(3)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
I
B=14mA
12mA
10mA
2mA
4mA
6mA
8mA
T
C=25˚C
Collector to emitter voltage V
CE
(V)
02.4
2.0
1.6
0.4
1.2
0.8
0
4.0
3.2
2.4
1.6
0.8
T
C=100˚C
25˚C
–25˚C
V
CE=10V
Base to emitter voltage V
BE
(V)
0.01
3
1
0.1
0.03
0.3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=10
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
V
CE=10V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.001
0.01
0.1
1
0.003
0.03
0.3
0.1
0.3
1
3
10
30
100
300
1000
V
CE=10V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
I
CP
I
C
t=10ms
1ms
300ms
Non repetitive pulse
T
C=25˚C
Collector to emitter voltage V
CE
(V)
10–4
10
10–3
10–1
10–2
1103
102
104
10–2
10–1
1
10
103
102
(1)
(2)
(1) Without heat sink
(2) With a 50
× 50 × 2mm Al heat sink
Time t (s)


Número de pieza similar - 2SD1249

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SD1249 KEXIN-2SD1249 Datasheet
40Kb / 2P
   Silicon NPN Triple Diffusion Planar Type
2SD1249A KEXIN-2SD1249A Datasheet
40Kb / 2P
   Silicon NPN Triple Diffusion Planar Type
More results

Descripción similar - 2SD1249

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD1749 PANASONIC-2SD1749 Datasheet
65Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For low-freauency power amplification)
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1480 PANASONIC-2SD1480 Datasheet
46Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2374 PANASONIC-2SD2374 Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com