Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79R251 Datasheet(PDF) 9 Page - Advanced Micro Devices

No. de pieza AM79R251
Descripción Electrónicos  Intelligent Subscriber Line Interface Circuit (ISLIC)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R251 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79R251 Datasheet HTML 5Page - Advanced Micro Devices AM79R251 Datasheet HTML 6Page - Advanced Micro Devices AM79R251 Datasheet HTML 7Page - Advanced Micro Devices AM79R251 Datasheet HTML 8Page - Advanced Micro Devices AM79R251 Datasheet HTML 9Page - Advanced Micro Devices AM79R251 Datasheet HTML 10Page - Advanced Micro Devices AM79R251 Datasheet HTML 11Page - Advanced Micro Devices AM79R251 Datasheet HTML 12Page - Advanced Micro Devices AM79R251 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Am79R251
9
GENERAL DESCRIPTION
The Intelligent Access
 voice chipsets integrate all functions of the subscriber line. Two chip types
are used to implement the linecard; an Am79R251 device and an ISLAC device. These provide the
following basic functions:
1. The Am79R251: A high voltage, bipolar device that drives the subscriber line, maintains
longitudinal balance and senses line conditions.
2. The ISLAC device: A low voltage CMOS IC that provides conversion, control and DSP functions
for the Am79R251.
Complete schematics of linecards using the Intelligent Access voice chipsets for internal and external
ringing are shown in Figure 3 and Figure 4.
The Am79R251 uses reliable, bipolar technology to provide the power necessary to drive a wide
variety of subscriber lines. It can be programmed by the ISLAC device to operate in eight different
modes that control power consumption and signaling. This enables it to have full control over the
subscriber loop. The Am79R251 is designed to be used exclusively with the ISLAC devices. The
Am79R251 requires only +5 V power and the battery supplies for its operation.
The Am79R251 implements a linear loop-current feeding method with the enhancement of intelligent
Thermal Management. This limits the amount of power dissipated on the Am79R251 chip by
dissipating power in external resistors in a controlled manner.
Each ISLAC device contains high-performance circuits that provide A/D and D/A conversion for the
voice (codec), DC-feed and supervision signals. The ISLAC device contains a DSP core that handles
signaling, DC-feed, supervision and line diagnostics for all channels.
The DSP core selectively interfaces with three types of backplanes:
Standard PCM/MPI
Standard GCI
Modified GCI with a single analog line per GCI channel
The Intelligent Access voice chipset provides a complete software configurable solution to the
BORSCHT functions as well as complete programmable control over subscriber line DC-feed
characteristics, such as current limit and feed resistance. In addition, these chipsets provide system
level solutions for the loop supervisory functions and metering. In total, they provide a programmable
solution that can satisfy worldwide linecard requirements by software configuration.
Software programmed filter coefficients, DC-feed data and supervision data are easily calculated
with the WinSLAC
software. This PC software is provided free of charge. It allows the designer
to enter a description of system requirements. WinSLAC then computes the necessary coefficients
and plots the predicted system results.
The Am79R251 interface unit inside the ISLAC device processes information regarding the line
voltages, loop currents and battery voltage levels. These inputs allow the ISLAC device to place
several key Am79R251 performance parameters under software control.
The main functions that can be observed and/or controlled through the ISLAC backplane interface
are:
DC-feed characteristics
Ground-key detection
Off-hook detection
Metering signal
Longitudinal operating point
Subscriber line voltage and currents
Ring-trip detection
Abrupt and smooth battery reversal


Número de pieza similar - AM79R251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70-1SC AMD-AM79R70-1SC Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
More results

Descripción similar - AM79R251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AM79231 ETC1-AM79231 Datasheet
278Kb / 28P
   Intelligent Subscriber Line Interface Circuit (ISLIC)
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com