Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1262A Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza 2SD1262A
Descripción Electrónicos  Silicon NPN triple diffusion planar type Darlington
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1262A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1262A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1262A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SD1262, 2SD1262A
PC —Ta
IC —VCE
VCE(sat) —IC
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
Area of safe operation (ASO)
Rth(t) —t
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 50
× 50 × 2mm
Al heat sink
(3) Without heat sink
(P
C=1.3W)
(1)
(2)
(3)
Ambient temperature Ta (˚C)
05
4
13
2
0
12
10
8
6
4
2
I
B=4.0mA
T
C=25˚C
3.5mA
3.0mA
2.5mA
2.0mA
1.5mA
1.0mA
0.5mA
Collector to emitter voltage V
CE
(V)
0.1
30
10
1
0.3
3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=500
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.1
30
10
1
0.3
3
0.01
0.03
0.1
0.3
1
3
10
(1) I
C/IB=250
(2) I
C/IB=500
(3) I
C/IB=1000
T
C=25˚C
(3)
(1)
(2)
Collector current I
C
(A)
0.1
30
10
1
0.3
3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=500
25˚C
100˚C
T
C=–25˚C
Collector current I
C
(A)
0.1
1
10
100
0.3
3
30
10
30
100
300
1000
3000
10000
30000
100000
V
CE=3V
25˚C
–25˚C
T
C=100˚C
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
I
CP
I
C
t=10ms
300ms
1ms
Collector to emitter voltage V
CE
(V)
10–4
10
10–3
10–1
10–2
1103
102
104
10–2
10–1
1
10
103
102
(1) Without heat sink
(2) With a 50
× 50 × 2mm Al heat sink
(1)
(2)
Time t (s)


Número de pieza similar - 2SD1262A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD1262A PANASONIC-2SD1262A Datasheet
73Kb / 3P
   Silicon PNP epitaxial planar type Darlington
More results

Descripción similar - 2SD1262A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SD1611 KEXIN-2SD1611 Datasheet
43Kb / 2P
   Silicon NPN Triple Diffusion Planar Type Darlington
logo
Panasonic Semiconductor
2SD1633 PANASONIC-2SD1633 Datasheet
69Kb / 3P
   Silicon NPN triple diffusion planar type darlington
2SD1890 PANASONIC-2SD1890 Datasheet
57Kb / 3P
   Silicon NPN triple diffusion planar type Darlington
2SD1748 PANASONIC-2SD1748 Datasheet
65Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD1750 PANASONIC-2SD1750 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
   Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com