Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD1985-3.1V Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza LD1985-3.1V
Descripción Electrónicos  LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985-3.1V Datasheet(HTML) 3 Page - Unisonic Technologies

  LD1985-3.1V Datasheet HTML 1Page - Unisonic Technologies LD1985-3.1V Datasheet HTML 2Page - Unisonic Technologies LD1985-3.1V Datasheet HTML 3Page - Unisonic Technologies LD1985-3.1V Datasheet HTML 4Page - Unisonic Technologies LD1985-3.1V Datasheet HTML 5Page - Unisonic Technologies LD1985-3.1V Datasheet HTML 6Page - Unisonic Technologies LD1985-3.1V Datasheet HTML 7Page - Unisonic Technologies LD1985-3.1V Datasheet HTML 8Page - Unisonic Technologies LD1985-3.1V Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R102-021,B
ELECTRICAL CHARACTERISTICS FOR LD1985 VO±1.0%
(TJ=25℃, Vi=Vo+1V, Io=1mA, VSHDN=2V, Ci=1μF, Co=1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage
Vop
2.5
7
V
Vi=2.5V
1.485
1.5
1.515
V
Io=1 ~ 150mA
1.462
1.538
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
1.447
1.553
V
Vi=2.8V
1.782
1.8
1.818
V
Io=1 ~ 150mA
1.755
1.845
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
1.737
1.863
V
Vi=3.5V
2.475
2.5
2.525
V
Io=1 ~ 150mA
2.4375
2.5625
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
2.4125
2.5875
V
Vi=3.8V
2.772
2.8
2.828
V
Io=1 ~ 150mA
2.730
2.870
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
2.702
2.898
V
Vi=3.85V
2.821
2.85
2.879
V
Io=1 ~ 150mA
2.778
2.921
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
2.750
2.950
V
Vi=4.0V
2.970
3.0
3.030
V
Io=1 ~ 150mA
2.925
3.075
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
2.895
3.105
V
Vi=4.1V
3.069
3.1
3.131
V
Io=1 ~ 150mA
3.022
3.1775
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
2.9915
3.2085
V
Vi=4.2V
3.168
3.2
3.232
V
Io=1 ~ 150mA
3.120
3.280
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.088
3.312
V
Vi=4.3V
3.267
3.3
3.333
V
Io=1 ~ 150mA
3.2175
3.3825
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.1845
3.4155
V
Vi=4.5V
3.465
3.5
3.535
V
Io=1 ~ 150mA
3.412
3.587
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.377
3.622
V
Vi=4.6V
3.564
3.6
3.636
V
Io=1 ~ 150mA
3.510
3.690
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.474
3.726
V
Vi=4.8V
3.762
3.8
3.838
V
Io=1 ~ 150mA
3.705
3.895
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.667
3.933
V
Vi=5.0V
3.96
4
4.04
V
Io=1 ~ 150mA
3.9
4.1
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
3.86
4.14
V
Vi=5.7V
4.653
4.7
4.747
V
Io=1 ~ 150mA
4.582
4.817
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
4.5355
4.8645
V
Vi=6.0V
4.95
5
5.05
V
Io=1 ~ 150mA
4.875
5.125
V
Output Voltage
Vo
Io=1 ~ 150mA, TJ=-40 ~ 125℃
4.825
5.175
V


Número de pieza similar - LD1985-3.1V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
LD1985-30-AF5-R UTC-LD1985-30-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-31-AF5-R UTC-LD1985-31-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-32-AF5-R UTC-LD1985-32-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results

Descripción similar - LD1985-3.1V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com