Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74ACT125PMX Datasheet(Hoja de datos) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. 74ACT125PMX
Descripción  Quad Buffer with TRI-STATE Outputs
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

   
 1 page
background image
TLF10692
March 1993
54AC74AC125
 74ACT125
Quad Buffer with TRI-STATE
Outputs
General Description
The ’AC’ACT125 contains four independent non-inverting
buffers with TRI-STATE outputs
Features
Y
ICC reduced by 50%
Y
Outputs sourcesink 24 mA
Y
’ACT125 has TTL-compatible outputs
Logic Symbol
IEEEIEC
TLF10692 – 1
Connection Diagrams
Pin Assignment
for DIP SOIC and Flatpak
TLF10692 – 2
Pin Assignment
for LCC
TLF10692 – 3
Pin Names
Description
An Bn
Inputs
On
Outputs
Function Table
Inputs
Output
An
Bn
On
LL
L
LH
H
HX
Z
H e HIGH Voltage Level
L e LOW Voltage Level
Z e HIGH Impedance
X e Immaterial
TRI-STATE
is a registered trademark of National Semiconductor Corporation
FACTTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
54ACQQuiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54FCT244Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 National Semiconductor (TI)
54LS33QUAD 2-INPUT NOR BUFFER WITH OPEN-COLLECTOR OUTPUTS 1 2 National Semiconductor (TI)
54F257ADMQuad 2-Input Multiplexer with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54ACQ240Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54FCT540Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 National Semiconductor (TI)
74LVC125AQuad buffer/line driver with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
54F258ADMQuad 2-Input Multiplexer with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54ACQ244Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54FCT541Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl