Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-8309 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-8309 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 8 page H T-13/4 Super Ultra-Bright LED Lamps Technical Data Features • Very High Intensity • Narrow and Medium Viewing Angles • Untinted, Nondiffused Lens • Choice of Five Colors • Sturdy Leads with Seating Plane Tabs Description These untinted, nondiffused solid state lamps are designed with special internal optics to give a very high luminous intensity within a well defined viewing angle. The LED materials used within these devices is specifically grown to assure the high light output performance these lamps provide. Device Selection Guide Typical Luminous Intensity 2 θ1/2 LED Color Part Number (mcd @ 20 mA dc) Viewing Angle DH AS AlGaAs HLMP-8115 1000 10 ° HLMP-8109 500 20 ° High Efficiency Red HLMP-8205 350 10 ° HLMP-8209 260 20 ° Yellow HLMP-8305 350 10 ° HLMP-8309 260 20 ° Orange HLMP-8405 350 10 ° HLMP-8409 260 20 ° High Performance Green HLMP-8505 400 10 ° HLMP-8509 300 20 ° Emerald Green HLMP-8605 75 10 ° HLMP-8115 HLMP-8109 HLMP-8205 HLMP-8209 HLMP-8305 HLMP-8309 HLMP-8405 HLMP-8409 HLMP-8505 HLMP-8509 HLMP-8605 |
Número de pieza similar - HLMP-8309 |
|
Descripción similar - HLMP-8309 |