Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RFM03U3P Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza RFM03U3P
Descripción Electrónicos  Field Effect Transistors Silicon N-Channel MOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RFM03U3P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RFM03U3P Datasheet HTML 1Page - Toshiba Semiconductor RFM03U3P Datasheet HTML 2Page - Toshiba Semiconductor RFM03U3P Datasheet HTML 3Page - Toshiba Semiconductor RFM03U3P Datasheet HTML 4Page - Toshiba Semiconductor RFM03U3P Datasheet HTML 5Page - Toshiba Semiconductor RFM03U3P Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RFM03U3P
1
Field Effect Transistors Silicon N-Channel MOS
RFM03U3P
RFM03U3P
RFM03U3P
RFM03U3P
Start of commercial production
2015-04
1.
1.
1.
1. Applications
Applications
Applications
Applications
VHF/UHF-Band Power Amplifiers
Note:
This product is intended for radio-frequency power amplifiers of telecommunications equipment. This product
is neither intended nor warranted for any other use. Do not use this product except for radio-frequency power
amplifiers of telecommunications equipment.
2.
2.
2.
2. Features
Features
Features
Features
(1)
Output power: PO = 3.0 W (typ.)
(2)
High gain: GPS = 14.8 dB (typ.)
(3)
Drain efficiency: ηD = 60 % (typ.)
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
PW-Mini
1: Gate
2: Source
3: Drain
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Drain-source voltage
Gate-source voltage
Drain current
Power dissipation
Channel temperature
Storage temperature
Symbol
VDSS
VGSS
ID
PD
Tch
Tstg
Note
(Note 1)
Rating
16
3
2.5
7
150
-45 to 150
Unit
V
V
A
W
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Tc = 25  (When mounted on a 0.4 mm (t) glass-epoxy PCB with heatsink)
Note:
This transistor is sensitive to electrostatic discharge and should be handled with care.
Note:
Care should be taken not to drop this device because it is sensitive to dropping impact stress.
2015-09-11
Rev.1.0
©2015 Toshiba Corporation


Número de pieza similar - RFM03U3P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
RFM03U3CT TOSHIBA-RFM03U3CT Datasheet
175Kb / 4P
   Field Effect Transistor Silicon N Channel MOS Type
RFM03U3CT TOSHIBA-RFM03U3CT Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Descripción similar - RFM03U3P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
RFM06U3X TOSHIBA-RFM06U3X Datasheet
297Kb / 6P
   Field Effect Transistors Silicon N-Channel MOS
logo
Renesas Technology Corp
2SK1493 RENESAS-2SK1493 Datasheet
589Kb / 11P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTORS
1993
2SK1495 RENESAS-2SK1495 Datasheet
592Kb / 11P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTORS
1993
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
New Jersey Semi-Conduct...
J111 NJSEMI-J111 Datasheet
454Kb / 2P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
BF245A NXP-BF245A Datasheet
307Kb / 13P
   N-channel silicon field-effect transistors
1996 Jul 30
BF245A PHILIPS-BF245A Datasheet
97Kb / 11P
   N-channel silicon field-effect transistors
1996 Jul 30
PMBFJ308 PHILIPS-PMBFJ308 Datasheet
98Kb / 12P
   N-channel silicon field-effect transistors
1996 Sep 11
logo
Quanzhou Jinmei Electro...
BF245A JMNIC-BF245A_15 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com