Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD05D6L Datasheet(PDF) 2 Page - Rectron Semiconductor

No. de pieza ESD05D6L
Descripción Electrónicos  Low Capacitance Bidirectional ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECTRON [Rectron Semiconductor]
Página de inicio  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD05D6L Datasheet(HTML) 2 Page - Rectron Semiconductor

  ESD05D6L Datasheet HTML 1Page - Rectron Semiconductor ESD05D6L Datasheet HTML 2Page - Rectron Semiconductor ESD05D6L Datasheet HTML 3Page - Rectron Semiconductor ESD05D6L Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±15
±8
kV
PPP
Peak Pulse Power (8/20μs)
35
W
TOPT
Operating Temperature
-55~150
qC
TSTG
Storage Temperature
-55~150
qC
ELECTRICAL CHARACTERISTICS (Tamb=25 C)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VRWM
Reverse Working Voltage
5.0
V
VBR
Reverse Breakdown
Voltage
IT = 1mA
5.6
9.4
V
IR
Reverse Leakage Current
VRWM = 5V
2.0
μ
A
VC
Clamping Voltage
IPP = 1A, tp = 8/20μs
10.5
V
IPP = 2A, tp = 8/20μs
14.0
V
CJ
Junction Capacitance
VR = 0V, f = 1MHz
3.0
4.5
pF
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
ELECTRICAL CHARACTERISTICS (Tamb=25°C,unless otherwise specified)


Número de pieza similar - ESD05D6L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
ESD05D6L RECTRON-ESD05D6L Datasheet
260Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diode
ESD05D6LV RECTRON-ESD05D6LV Datasheet
260Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diode
More results

Descripción similar - ESD05D6L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
   ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
   Low capacitance bidirectional ESD protection diode
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
13 April 2023
PESD5V0S1BL-Q NEXPERIA-PESD5V0S1BL-Q Datasheet
211Kb / 11P
   Low capacitance bidirectional ESD protection diode
23 November 2022
PESD5V0U1BL NEXPERIA-PESD5V0U1BL Datasheet
198Kb / 10P
   Low capacitance bidirectional ESD protection diode
11 October 2018
PESD5V0U1BA-Q NEXPERIA-PESD5V0U1BA-Q Datasheet
212Kb / 11P
   Low capacitance bidirectional ESD protection diode
3 May 2022
PESD5V0L1BA NEXPERIA-PESD5V0L1BA Datasheet
238Kb / 11P
   Low capacitance bidirectional ESD protection diode
11 April 2023
logo
NXP Semiconductors
PESD5V0S1BLD PHILIPS-PESD5V0S1BLD Datasheet
324Kb / 13P
   Low capacitance bidirectional ESD protection diode
Rev. 1-12 October 2010
logo
Nexperia B.V. All right...
PESD15VL1BA-Q NEXPERIA-PESD15VL1BA-Q Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
19 May 2022
PESD5V0L1BA-Q NEXPERIA-PESD5V0L1BA-Q Datasheet
237Kb / 11P
   Low capacitance bidirectional ESD protection diode
19 May 2022
PESD5V0U1BA NEXPERIA-PESD5V0U1BA Datasheet
209Kb / 11P
   Low capacitance bidirectional ESD protection diode
1 April 2023
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com