Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZPH02 Datasheet(PDF) 8 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

No. de pieza ZPH02
Descripción Electrónicos  Particles Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Página de inicio  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPH02 Datasheet(HTML) 8 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Back Button ZPH02 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 9Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH02 Datasheet HTML 10Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
6
Bad:8.00%-12.00%
Worst:>12.00%
This suggestion is just a reference, please set according to users’ real demand.
Communication protocol
1.General Settings
Stable 3.
Baud rate
9600
Interface level
5±0.2 V(TTL)
Data byte
8 byte
Stop byte
1 byte
Check byte
no
2.Communication command
Module sends the concentration value every other one second. Only send, no receive. Command as follow:
Stable 4.
Remarks:
1. Conversion of duty ratio:
Eg: sensor sends one frame data, the third byte is 0x12 and the forth byte is 0x13. It
means the duty ration of sensor’s output is 18.19%.
2. Conversion of PM2.5
K*18.19%=PM2.5 concentration. K is a proportionality coefficient , as experience, K=1000.
3.Check and calculation
/**********************************************************************
* Funtion name: ucharFucCheckSum(uchar *i,ucharln)
* Funtion description:Sum check(Negate the sum of send and receive protocol 1/2/3/4/5/6/7
and +1 )
**********************************************************************/
unsigned char FucCheckSum(unsigned char *i,unsigned char ln)
{
unsigned char j,tempq=0;
i+=1;
for(j=0;j<(ln-2);j++)
{
tempq+=*i;
i++;
}
0
1
2
3
4
5
6
7
8
Start
byte
Detection
type name
code
Unit (Low
pulse rate)
Integer part
of low pulse
rate
Decimals part
of low pulse
rate
Reservation
Reservation
Reservation
Check value
0xFF
0x18
0x00
0x00-0x63
0x00-0x63
0x00
0x00
0x00
0x00-0xFF


Número de pieza similar - ZPH02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zhengzhou Winsen Electr...
ZPH01 WINSEN-ZPH01 Datasheet
506Kb / 8P
   Particles Sensor
More results

Descripción similar - ZPH02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zhengzhou Winsen Electr...
ZPH01 WINSEN-ZPH01 Datasheet
506Kb / 8P
   Particles Sensor
logo
List of Unclassifed Man...
GT321 ETC2-GT321 Datasheet
159Kb / 2P
   Counts individual particles using scattered laser light
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
   Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com