Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STN4402 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

No. de pieza STN4402
Descripción Electrónicos  N-Channel 20V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STN4402 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  STN4402 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 20V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
Optimized for High-Side Synchronous
Rectifier Operation
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
Notebook CPU Core
- High-Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
20
0.0
12 at VGS = 10 V
1
2
6.
1 nC
0.01
5 at VGS = 4.5 V
1
1
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G
D
S
Notes:
a. Base on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
1
2
A
TC = 70 °C
1
1
TA = 25 °C
1
0b, c
TA = 70 °C
8b, c
Pulsed Drain Current
IDM
47
Continuous Source-Drain Diode Current
TC = 25 °C
IS
3.
7
TA = 25 °C
2.
0b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
2
0
Avalanche Energy
EAS
2
1
mJ
Maximum Power Dissipation
TC = 25 °C
PD
4.
1
W
TC = 70 °C
2.
5
TA = 25 °C
2.
2b, c
TA = 70 °C
1.
3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
3
9
5
5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
2
5
2
9
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
1
STN4402


Número de pieza similar - STN4402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stanson Technology
STN4402 STANSON-STN4402 Datasheet
361Kb / 6P
   N Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STN4402 DOINGTER-STN4402 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
List of Unclassifed Man...
STN4402_V1 ETC2-STN4402_V1 Datasheet
361Kb / 6P
   N Channel Enhancement Mode MOSFET
More results

Descripción similar - STN4402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bruckewell Technology L...
MS23N20Z BWTECH-MS23N20Z Datasheet
789Kb / 6P
   N-Channel 20V (D-S) MOSFET
logo
Analog Power
AM3428N ANALOGPOWER-AM3428N Datasheet
166Kb / 3P
   N-Channel 20V (D-S) MOSFET
AM1320N ANALOGPOWER-AM1320N Datasheet
192Kb / 4P
   N-Channel 20V (D-S) MOSFET
AM2332N ANALOGPOWER-AM2332N Datasheet
178Kb / 5P
   N-Channel 20V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
4410AGM VBSEMI-4410AGM Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800AGM-HF VBSEMI-4800AGM-HF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800BGM-HF VBSEMI-4800BGM-HF Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
SPN4412WS8RGB VBSEMI-SPN4412WS8RGB Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
AM9410N-T1-PF VBSEMI-AM9410N-T1-PF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
AO4418 VBSEMI-AO4418 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
11D3L VBSEMI-11D3L Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com