Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FML-22S Datasheet(PDF) 3 Page - Sanken electric |
|
FML-22S Datasheet(HTML) 3 Page - Sanken electric |
3 / 3 page 71 RN 4Z t / T 1/6 = Half-cycle sinewave t / T 1/ 3 = t / T 1/2 = DC DC t / T 1/6 = t / T 1/ 3 = Half-cycle sinewave t / T 1/2 = 10 1 0.1 0.01 0.001 0 0.2 0.8 1.4 1.2 1.0 0.6 0.4 50 0 0 100 0 110 120 130 140 150 t T T 150 °C j = t T T 150 °C j = V 200V = R 1 2 3 4 5 12 3 1 2 3 150 °C Ta = 60 °C 100 °C 25 °C 0 25 50 75 100 125 150 0 1 2 3 4 5 1 5 50 10 20ms RL 4Z RL 4A 80 60 40 20 0 Without Heatsink 60 1 5 50 10 20ms 80 60 40 20 0 0.3 0.5 0.7 0.9 0.1 1.1 1.3 Ta 150 °C = 60 °C 100 °C 25 °C 1 10 30 0.1 0.01 0.001 0.5 1.0 1.5 2.0 0 2.5 3.0 Ta 150 °C = 25 °C 100 °C 1 10 50 0.1 0.01 0.001 130 120 110 100 150 140 0 1.0 0.5 2.0 0.5 2.5 3.0 t / T 1/ 3 = t / T 1/2 = D.C. t / T 1/6 = Sinewave t T VR=600V Tj=150 °C FMC-G28S 10 40 30 20 50 0 1 5 50 10 20ms 0 150 2 3 100 110 120 130 140 t/ T=1/6 t/ T=1/2 D.C. 1 t / T=1/3, Sinewave 0 3 8 12 012 t/ T=1/6 t / T=1/2 D.C. 4 Tj= 150 °C T t t / T=1/3, Sinewave FMC-G28SL 0 5 10 15 20 01 2 3 4 5 D.C. Tj = 150 °C T t t / T=1/6 t / T=1/3, Sinewave t/ T=1/2 0 1 2 3 4 5 50 70 90 110 130 150 t/ T=1/6 t/ T=1/3 D.C. t / T=1/2 Sinewave 10 50 40 20 30 60 0 1 5 50 10 20ms Ambient Temperature Ta ( °C) IFMS Rating VF —IF Characteristics (Typical) Ta— IF (AV) Derating Forward Voltage VF (V) VF —IF Characteristics (Typical) Forward Voltage VF (V) VF —IF Characteristics (Typical) Forward Voltage VF (V) Overcurrent Cycles IFMS Rating Overcurrent Cycles IFMS Rating Overcurrent Cycles IFMS Rating Overcurrent Cycles Case Temperature Tc ( °C) Tc— IF (AV) Derating Case Temperature Tc ( °C) Tc— IF (AV) Derating Lead Temperature T ( °C) T — IF(AV) Characteristics Lead Temperature T ( °C) T — IF(AV) Characteristics IF(AV)—PF Characteristics Average Forward Current IF(AV) (A) IF(AV)—PF Characteristics Average Forward Current IF(AV) (A) IF(AV)—PF Characteristics Average Forward Current IF(AV) (A) Characteristic Curves Ultra-Fast-Recovery Rectifier Diodes |
Número de pieza similar - FML-22S |
|
Descripción similar - FML-22S |