Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ERJ1GEYJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

No. de Pieza. ERJ1GEYJ
Descripción  Thick Film Chip Resistors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo 

ERJ1GEYJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
ERJ1G
0.25
15000 pcs./reel (2 mm pitch)
(0201)
ERJ2G
0.35
10000 pcs./reel (2 mm pitch)
50000 pcs./case
(0402)
20000 pcs./reel (2 mm pitch)
ERJ3G
0.45
10000 pcs./reel (2 mm pitch)
25000 pcs./case
(0603)
5000 pcs./reel (4 mm pitch)]
ERJ6G
0.6
5000 pcs./reel (4 mm pitch)]
10000 pcs./case
(0805)
ERJ8G
0.6
5000 pcs./reel (4 mm pitch)]
(1206)
ERJ14
0.6
5000 pcs./reel
(1210)
ERJ12,12Z
0.6
5000 pcs./reel
(1812, 2010)
ERJ1T
0.6
4000 pcs./reel
(2512)
180.0Ð3.0 60 min. 13.0±1.0
1G,2G,3G
6G,8G,14
12,12Z,1T
13.0±1.0 15.4±2.0
Thick Film Chip Resistors
l Standard Quantity
l Taping Reel
Type
fA
fB
fCW
T
9.0±1.0 11.4±2.0
0
l Bulk Case
9
6
B)
B+
Slider
Shutter
110
12
Dimensions
(mm)
(mm)
Punched (Paper) Taping
Embossed Taping
(4 mm pitch)
Bulk Case
Type
(inches)
Thickness
(mm)
1G
0.47±0.05
2G
2.00±0.10
0.52±0.05
3G
0.70±0.05
6G
4.00±0.10
8G
14
2.80±0.20 3.50±0.20 8.00±0.30 3.50±0.05
12
3.50±0.20 4.80±0.20
12Z
2.80±0.20 5.30±0.20 12.00±0.30 5.50±0.05 1.75
±0.10
4.00±0.10
1T
3.60±0.20 6.90±0.20
l Punched (Paper) Taping
P1 P2 P0
T
A
Tape running direction
Chip component
Sprocket hole
Compartment
BD0
14
1 min.
12
12Z
2.00±0.05 4.00±0.10 1.50+0.10 1.00±0.10 1.5 min.
1T
l Embossed Taping
Type
AB
W
F
E
P1
Dimensions
(mm)
Type
P2
P0
fD0
t
fD1
Dimensions
(mm)
0
BD1
P1 P2 P0
t
A
Tape running direction
Chip component
Sprocket hole
Compartment
BD0
Type
AB
W
F
E
1G
0.38±0.05 0.68±0.05
2G
0.70±0.05 1.20±0.05
3G
1.10±0.10 1.90±0.10
6G
1.65±0.15 2.50±0.20
8G
2.00±0.15 3.60±0.20
8.00±0.20 3.50±0.05 1.75±0.10
Dimensions
(mm)
Type
P1
P2
P0
fD0
T
2.00±0.05 4.00±0.10 1.50+0.10
0.84±0.05
Dimensions
(mm)
0
n Packaging Specifications
] Please consult us if resistors other than shown above are needed.


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CR10220THICK FILM CHIP RESISTORS 1 2 3 4 List of Unclassifed Manufacturers
RV2012J100THICK FILM CHIP RESISTORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
741C083THICK FILM CHIP RESISTORS ARRAYS 1 2 3 4 List of Unclassifed Manufacturers
TA203PAPower Chip Resistors Thick Film on Alumina Substrate 1 List of Unclassifed Manufacturers
RCWPMThick Film Chip Resistors Military/Established Reliability MIL-PRF-55342 Qualified Type RM 1 2 Vishay Siliconix
DCRCWThick Film Rectangular Chip Resistors 1 2 3 4 5 MoreVishay Siliconix
KTR18Endured high voltage fixed thick film chip resistors 1 2 3 4 5 MoreRohm
CR2512TAD THICK FILM CHIP RESISTORS 1 2 3 4 List of Unclassifed Manufacturers
CRCW0201Thick Film Rectangular Chip Resistor 1 2 Vishay Siliconix

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn