Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ERJ1GEYJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

No. de Pieza. ERJ1GEYJ
Descripción  Thick Film Chip Resistors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo 

ERJ1GEYJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
ERJ1G(0201)
0.3 to 0.4
0.8 to 0.9 0.25 to 0.35
ERJ2G(0402)
0.5 to 0.6
1.4 to 1.6
0.4 to 0.6
ERJ3G(0603)
0.7 to 0.9
2 to 2.2
0.8 to 1
ERJ6G(0805)
1 to 1.4
3.2 to 3.8
0.9 to 1.4
2 to 2.4
4.4 to 5
1.2 to 1.8
ERJ14(1210)
2 to 2.4
4.4 to 5
1.8 to 2.8
ERJ12(1812)
3.3 to 3.7
5.7 to 6.5
2.3 to 3.5
ERJ12Z(2010)
3.6 to 4
6.2 to 7
1.8 to 2.8
ERJ1T(2512)
5 to 5.4
7.6 to 8.6
2.3 to 3.5
Thick Film Chip Resistors
n Recommended Land Pattern
Chip Resistor
a
b
Type
(inches)
Dimensions (mm)
ab
c
n Recommended Soldering Conditions
Recommendations and precautions are described below.
Preheating
Peak
Heating
Time
l Recommended soldering conditions for reflow
Temperature
Time
Preheating
140 ¡C to 160 ¡C
60 s to 120 s
Main heating
Above 200 ¡C
30 s to 40 s
Peak
235 ± 5 ¡C
max. 10 s
Temperature
Time
Preheating
150 ¡C to 180 ¡C
60 s to 120 s
Main heating
Above 230 ¡C
30 s to 40 s
Peak
max. 260 ¡C
max. 10 s
l Recommended soldering conditions for flow
Temperature
Time
Temperature
Time
Preheating
140 ¡C to 160 ¡C
60 s to 120 s
150 ¡C to 180 ¡C
60 s to 120 s
Soldering
245±5 ¡C
20 s to 30 s
max. 260 ¡C
max. 10 s
In case of flow soldering, the land width must be smaller than the Chip Resistor width to control the solder amount
properly. Generally, the land width should be 0.7 to 0.8 times the width of chip the resistor. In case of reflow soldering,
ERJ8G(1206)
solder amount can be adjusted, therefore the land width should be set to 1.0 to 1.3 times chip resistor width (W).
áReflow soldering should be a maximum of two times
áPlease contact us for additional information when
used in conditions other than those specified.
every type of printed circuit board for solderability, before
actual use.
For soldering (Example : Sn/Pb)
For lead-free soldering (Example : Sn/Ag/Cu)
For soldering
For lead-free soldering
Safety Precautions
confirmation test with the resistors actually mounted on the board.
When a load of more than the rated power is applied under load condition at steady state, it may
Never exceed the specified rated power.
2. Chlorine type or other highly-reactive flux is not recommended. Residue could affect performance or reliability of
the resistors.
impair performance and/or reliability of the resistor.
3. When using a soldering iron, never let the tip of the iron touch the body of the chip resistor. When using a
soldering iron with a tip at a high temperature, solder for as short time as possible (no more than three seconds
and up to 350 ¡C).
4. Avoid physical shock to the resistor and nipping of the resistor with hard tool (pliers or tweezers) as it may
damage the protective coating of the resistor and may affect its performance.
1. If transient load (heavy load in a short time) like pulse is to be applied, carry out an evaluation and
áPlease measure the temperature of terminations and study


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CR10220THICK FILM CHIP RESISTORS 1 2 3 4 List of Unclassifed Manufacturers
RV2012J100THICK FILM CHIP RESISTORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
741C083THICK FILM CHIP RESISTORS ARRAYS 1 2 3 4 List of Unclassifed Manufacturers
TA203PAPower Chip Resistors Thick Film on Alumina Substrate 1 List of Unclassifed Manufacturers
RCWPMThick Film Chip Resistors Military/Established Reliability MIL-PRF-55342 Qualified Type RM 1 2 Vishay Siliconix
DCRCWThick Film Rectangular Chip Resistors 1 2 3 4 5 MoreVishay Siliconix
KTR18Endured high voltage fixed thick film chip resistors 1 2 3 4 5 MoreRohm
CR2512TAD THICK FILM CHIP RESISTORS 1 2 3 4 List of Unclassifed Manufacturers
CRCW0201Thick Film Rectangular Chip Resistor 1 2 Vishay Siliconix

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn